Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA6415C Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA6415C
Description  BUS-CONTROLLED VIDEO MATRIX SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6415C Datasheet(HTML) 1 Page - STMicroelectronics

  TEA6415C Datasheet HTML 1Page - STMicroelectronics TEA6415C Datasheet HTML 2Page - STMicroelectronics TEA6415C Datasheet HTML 3Page - STMicroelectronics TEA6415C Datasheet HTML 4Page - STMicroelectronics TEA6415C Datasheet HTML 5Page - STMicroelectronics TEA6415C Datasheet HTML 6Page - STMicroelectronics TEA6415C Datasheet HTML 7Page - STMicroelectronics TEA6415C Datasheet HTML 8Page - STMicroelectronics TEA6415C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TEA6415C
BUS-CONTROLLED VIDEO MATRIX SWITCH
January 1996
s
20MHz BANDWIDTH
s
CASCADABLE WITH ANOTHER TEA6415C
(INTERNAL ADDRESS CAN BE CHANGED BY
PIN 7 VOLTAGE)
s
8 INPUTS (CVBS, RGB, MAC, CHROMA, ...)
s
6 OUTPUTS
s
POSSIBILITY OF MAC OR CHROMA SIGNAL
FOR EACH INPUT BY SWITCHING-OFF THE
CLAMP WITH AN EXTERNAL RESISTOR
BRIDGE
s
BUS CONTROLLED
s
6.5dB GAIN BETWEEN ANY INPUT AND OUT-
PUT
s
-55dB CROSSTALK AT 5MHz
s
FULLY ESD PROTECTED
DESCRIPTION
The main function of the TEA6415C is to switch 8
video input sources on the 6 outputs.
Each output can be switched to only one of the
inputs whereas but any same input may be con-
nected to several outputs.
All the switching possibilities are controlled through
the I
2C bus.
DIP20
(Plastic Package)
ORDER CODE : TEA6415C
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
INPUT
DATA
CLOCK
PR OG
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
GROUND
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
V
CC
GROUND
PIN CONNECTIONS
SO20
(Plastic Micropackage)
ORDER CODE : TEA6415CD
1/10


Similar Part No. - TEA6415C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
More results

Similar Description - TEA6415C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
STV6415A STMICROELECTRONICS-STV6415A Datasheet
197Kb / 15P
   I짼C bus-controlled video matrix switch
logo
ON Semiconductor
NCS6416 ONSEMI-NCS6416 Datasheet
143Kb / 9P
   Low-Voltage, Bus-Controlled Video Matrix Switch
June, 2007 - Rev.0
NCS6415 ONSEMI-NCS6415 Datasheet
87Kb / 9P
   Bus?묬ontrolled Video Matrix Switch
September, 2006 ??Rev. 0
logo
STMicroelectronics
TEA6420DT STMICROELECTRONICS-TEA6420DT Datasheet
152Kb / 7P
   BUS-CONTROLLED AUDIO MATRIX SWITCH
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
156Kb / 7P
   BUS-CONTROLLED AUDIO MATRIX SWITCH
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
   VIDEO SWITCH MATRIX
logo
STMicroelectronics
TEA6422 STMICROELECTRONICS-TEA6422 Datasheet
168Kb / 10P
   BUS-CONTROLLED AUDIO MATRIX
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com