Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL25L29CTHE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SBL25L29CTHE3
Description  Dual Low VF Common Cathode Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBL25L29CTHE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SBL25L29CTHE3 Datasheet HTML 1Page - Vishay Siliconix SBL25L29CTHE3 Datasheet HTML 2Page - Vishay Siliconix SBL25L29CTHE3 Datasheet HTML 3Page - Vishay Siliconix SBL25L29CTHE3 Datasheet HTML 4Page - Vishay Siliconix SBL25L29CTHE3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBL(F,B)25L20CT thru SBL(F,B)25L30CT
Vishay General Semiconductor
Document Number: 88731
Revision: 08-Apr-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Dual Low VF Common Cathode Schottky Rectifier
FEATURES
• Low power loss, high efficiency
• Very low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF
maximum peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB and
ITO-220AB package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage, high frequency inverters,
switching mode power supplies, freewheeling diodes,
OR-ing diodes, dc-to-dc converters and polarity
protection application.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
12.5 A x 2
VRRM
20 V to 30 V
IFSM
180 A
VF
0.39 V
TJ max.
150 °C
CASE
PIN 2
PIN 1
PIN 3
TO-220AB
SBL25LxxCT
ITO-220AB
SBLF25LxxCT
SBLB25LxxCT
PIN 1
PIN 2
K
HEATSINK
1
2
3
1
2
K
PIN 2
PIN 1
PIN 3
TO-263AB
1
2
3
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SBL25L20CT
SBL25L25CT
SBL25L30CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
25
30
V
Maximum average forward rectified
current at TC = 95 °C
total device
per diode
IF(AV)
25
12.5
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
180
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - SBL25L29CTHE3

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBL25L20CT GE-SBL25L20CT Datasheet
84Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SBL25L20CT GOOD-ARK-SBL25L20CT Datasheet
247Kb / 3P
   Dual Low VF Schottky Barrier Rectifiers
logo
Vishay Siliconix
SBL25L20CT VISHAY-SBL25L20CT Datasheet
149Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
12-Mar-12
SBL25L20CT-E3 VISHAY-SBL25L20CT-E3 Datasheet
144Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBL25L20CTHE3 VISHAY-SBL25L20CTHE3 Datasheet
144Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
More results

Similar Description - SBL25L29CTHE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL25LXXCT VISHAY-SBL25LXXCT Datasheet
144Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBL25L30CT VISHAY-SBL25L30CT_V01 Datasheet
160Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
01-Jan-2022
SBL25L20CT VISHAY-SBL25L20CT_15 Datasheet
148Kb / 6P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBLFB25L20CT VISHAY-SBLFB25L20CT Datasheet
149Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
12-Mar-12
logo
Bruckewell Technology L...
MBRF20200CT BWTECH-MBRF20200CT Datasheet
346Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20L45CT BWTECH-MBRF20L45CT Datasheet
118Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF10200CT BWTECH-MBRF10200CT Datasheet
197Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBR2080CT BWTECH-TMBR2080CT Datasheet
437Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBRF30150CT BWTECH-TMBRF30150CT Datasheet
113Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBR30150CT BWTECH-TMBR30150CT Datasheet
111Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com