Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST203C12CHH3LP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST203C12CHH3LP
Description  Inverter Grade Thyristors (Hockey PUK Version), 370 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST203C12CHH3LP Datasheet(HTML) 6 Page - Vishay Siliconix

  ST203C12CHH3LP Datasheet HTML 1Page - Vishay Siliconix ST203C12CHH3LP Datasheet HTML 2Page - Vishay Siliconix ST203C12CHH3LP Datasheet HTML 3Page - Vishay Siliconix ST203C12CHH3LP Datasheet HTML 4Page - Vishay Siliconix ST203C12CHH3LP Datasheet HTML 5Page - Vishay Siliconix ST203C12CHH3LP Datasheet HTML 6Page - Vishay Siliconix ST203C12CHH3LP Datasheet HTML 7Page - Vishay Siliconix ST203C12CHH3LP Datasheet HTML 8Page - Vishay Siliconix ST203C12CHH3LP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94370
6
Revision: 30-Apr-08
ST203CPbF Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 370 A
Fig. 11 - Reverse Recovered Charge Characteristics
Fig. 12 - Reverse Recovery Current Characteristics
Fig. 13 - Frequency Characteristics
Fig. 14 - Frequency Characteristics
20
040
60
80
100
dI/dt - Rate of Fall of On-State Current (A/µs)
0
50
100
150
200
250
ST203C..C Series
T
J = 125 °C
I
TM = 500 A
I
TM = 300 A
I
TM = 200 A
I
TM = 100 A
I
TM = 50 A
20
0
20
0
40
60
80
100
40
60
80
100
120
140
160
dI/dt - Rate of Fall of Forward Current (A/µs)
ST203C..C Series
T
J = 125 °C
I
TM = 500 A
I
TM = 300 A
I
TM = 200 A
I
TM = 100 A
I
TM = 50 A
100
10
100
1000
10 000
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
t
p
ST203C..C Series
Sinusoidal pulse
T
C = 40 °C
50 Hz
100
200
500
400
1000
1500
2500
3000
5000
10 000
100
10
100
1000
10 000
1000
10 000
Pulse Basewidth (µs)
t
p
ST203C..C Series
Sinusoidal pulse
T
C = 55 °C
50 Hz
100
500
400
1000
1500
2500
3000
5000
10 000
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
200
10
100
1000
10 000
10
100
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
ST203C..C Series
Trapezoidal pulse
T
C = 40 °C
dI/dt = 50 A/µs
t
p
50 Hz
100
500
400
1000
1500
2500
3000
5000
10 000
200
10
100
1000
10 000
Pulse Basewidth (µs)
10
100
1000
10 000
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
ST203C..C Series
Trapezoidal pulse
T
C = 55 °C
dI/dt = 50 A/µs
t
p
50 Hz
100
500
400
1000
1500
2500
3000
5000
10 000
200


Similar Part No. - ST203C12CHH3LP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results

Similar Description - ST203C12CHH3LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST183CPBF VISHAY-ST183CPBF Datasheet
151Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 30-Apr-08
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
VS-ST203C VISHAY-VS-ST203C Datasheet
402Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 16-Dec-13
VS-ST183C VISHAY-VS-ST183C_V01 Datasheet
225Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com