Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSSRC1284-1TF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSSRC1284-1TF
Description  25 Mil Pitch Resistor/Capacitor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSRC1284-1TF Datasheet(HTML) 1 Page - Vishay Siliconix

  VSSRC1284-1TF Datasheet HTML 1Page - Vishay Siliconix VSSRC1284-1TF Datasheet HTML 2Page - Vishay Siliconix VSSRC1284-1TF Datasheet HTML 3Page - Vishay Siliconix VSSRC1284-1TF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
25 Mil Pitch Resistor/Capacitor Networks
VSSRC1284
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60077
118
Revision: 01-Jul-08
IEEE 1284 Parallel Port Termination Network
FEATURES
• Lead (Pb)-free standard
• Rugged, molded case construction
JEDEC mo-137AD
• Reduces total assembly costs
• Saves board space
• Compatible with automatic surface mounting equipment
• Uniform performance characteristics
• Resistors and capacitors on a single chip
• UL 94V-0 flame resistant
TYPICAL PERFORMANCE
SCHEMATIC
Actual Size
TCR
TOLERANCE
RESISTOR
200
10 %
TCC
TOLERANCE
CAPACITOR
200
20 %
R2
R2
R2
R2
R2
R2
R2
R2
R2
R1
R1
R1
R1
R1
R1
R1
R1
R1
12
3
4
5
6
7
8
910
20
19
18
17
16
15
14
13
12
11
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Resistance Range
10
Ω to 10 kΩ
Tolerance:
Absolute
± 10 % (R1 or R2)
Absolute
± 20 % (C)
at 1 MHz and VRMS
over + 10 °C to + 70 °C
Power Rating:
Per Resistor
100 mW
Package
1 W
Capacitance Range
27 pF to 220 pF
Based on number of resistors
Breakdown Voltage
25 V
ESD Protection
> 2 kV
MIL-STD-883, Method 3015
RoHS
COMPLIANT


Similar Part No. - VSSRC1284-1TF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSSRC VISHAY-VSSRC Datasheet
136Kb / 2P
   25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Revision 06-Aug-02
VSSRC-AA VISHAY-VSSRC-AA Datasheet
136Kb / 2P
   25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Revision 06-Aug-02
VSSRC-AA VISHAY-VSSRC-AA Datasheet
116Kb / 4P
   25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Revision: 01-Jul-08
VSSRC-AB VISHAY-VSSRC-AB Datasheet
118Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VSSRC-AC VISHAY-VSSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
More results

Similar Description - VSSRC1284-1TF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VTSRC-AB VISHAY-VTSRC-AB Datasheet
118Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VTSR-AA VISHAY-VTSR-AA Datasheet
116Kb / 4P
   25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Revision: 01-Jul-08
VTSRC VISHAY-VTSRC Datasheet
136Kb / 2P
   25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Revision 06-Aug-02
VTSRC-AD VISHAY-VTSRC-AD Datasheet
120Kb / 4P
   25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Revision: 01-Jul-08
logo
Electronic Film Capacit...
RC1313 EFC-RC1313 Datasheet
23Kb / 2P
   RESISTOR-CAPACITOR NETWORKS
logo
Vishay Siliconix
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
logo
MERITEK ELECTRONICS COR...
CRA-CRF MERITEK-CRA-CRF Datasheet
281Kb / 1P
   CAPACITOR/RESISTOR NETWORKS
logo
Vishay Siliconix
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com