Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1772-410-426 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # F1772-410-426
Description  AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1772-410-426 Datasheet(HTML) 1 Page - Vishay Siliconix

  F1772-410-426 Datasheet HTML 1Page - Vishay Siliconix F1772-410-426 Datasheet HTML 2Page - Vishay Siliconix F1772-410-426 Datasheet HTML 3Page - Vishay Siliconix F1772-410-426 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 26500
To contact us: RFI@vishay.com
www.vishay.com
Revision: 11-Jun-07
25
F1772-4200
Vishay Roederstein
AC-Capacitors, Suppression Capacitors
Class X2 AC 440 V (MKT)
Dimensions in mm
MAXIMUM PULSE RISE TIME: (du/dt) in V/µs
RATED VOLTAGE:
AC 440 V, 50/60 Hz
PERMISSIBLE DC VOLTAGE:
DC 1000 V
TERMINALS:
Radial tinned copper wire
COATING:
Plastic case, epoxy resin sealed, flame retardant UL 94V-0
CLIMATIC TESTING CLASS ACC.TO EN 60068-1:
40/100/56
CAPACITANCE RANGE:
E6 series 0.01 µFX2 - 1.0 µFX2
E12 values on request
FURTHER TECHNICAL DATA:
See page 21 (Document No 26504)
LEAD LENGTH
X (mm)
ORDERING CODE**
4-1
F1772-. . .-4204/4264
6-1
F1772-. . .-4200/4260
15-1
F1772-. . .-4215/4265
30+5
F1772-. . .-4230/4263
RATED
VOLTAGE
PITCH (mm)
15.0
22.5
27.5
37.5
AC 440 V
200
150
100
100
W
H
X
± 0.4
L
pcm ± 0.4
Ø 0.8
Dielectric
Electrode
Free margin
Center margin
FEATURES:
Product is completely lead (Pb)-free
Product is RoHS compliant
CAPACITANCE TOLERANCE:
Standard: ± 20 %
DISSIPATION FACTOR TAN
δ:
< 1 % measured at 1 kHz
INSULATION RESISTANCE: FOR C
≤ 0.33 µF:
30 G
Ω average value
15 G
Ω minimum value
TIME CONSTANT FOR C > 0.33 µF:
10 000 sec. average value
5000 sec. minimum value
TEST VOLTAGE:
(Electrode/electrode): DC 2150 V/2 sec.
REFERENCE STANDARDS:
EN 132 400, 1994
EN 60068-1
IEC 60384-14/2, 1993
UL 1283
UL 1414
CSA 22.2 No. 8-M 86
CSA 22.2 No. 1-M 90
DIELECTRIC:
Polyester film
ELECTRODES:
Metal evaporated
CONSTRUCTION:
Metallized film capacitor
Internal series connection
Between interconnected terminations and case (foil method):
AC 2500 V for 2 sec. at 25 °C.
Impedance (Z) as a function of frequency (f) at Ta = 20 °C
(average). Measurement with lead length 6 mm.
10
1
0.01
0.05
1.0
5.0 10
50 100
10
0
10
-1
10
-2
10
-3
0.1
0.5
f
[MHz]
RoHS
COMPLIANT
Pb-free
e3


Similar Part No. - F1772-410-426

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-410-4 VISHAY-F1772-410-4 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC440 V (MKT)
Revision: 11-Jun-07
More results

Similar Description - F1772-410-426

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1774-4000 VISHAY-F1774-4000 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-2200 VISHAY-F1774-2200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 12-May-06
F1722-4000 VISHAY-F1722-4000 Datasheet
295Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X1 AC 440 V (MKT)
Revision: 09-Feb-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com