Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ4683-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMBZ4683-V
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBZ4683-V Datasheet(HTML) 2 Page - Vishay Siliconix

  MMBZ4683-V Datasheet HTML 1Page - Vishay Siliconix MMBZ4683-V Datasheet HTML 2Page - Vishay Siliconix MMBZ4683-V Datasheet HTML 3Page - Vishay Siliconix MMBZ4683-V Datasheet HTML 4Page - Vishay Siliconix MMBZ4683-V Datasheet HTML 5Page - Vishay Siliconix MMBZ4683-V Datasheet HTML 6Page - Vishay Siliconix MMBZ4683-V Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 85771
Rev. 1.5, 04-Jun-08
MMBZ4681-V to MMBZ4717-V
Vishay Semiconductors
For technical support, please contact: Diodes-SSP@vishay.com
Electrical Characteristics
Maximum VF = 0.9 V, at IF = 10 mA
Notes
1) Tested with pulse test current
2) Maximum voltage change (V
Z). Voltage change is equal to the difference between VZ at 100 µA and VZ at 10 µA.
Partnumber
Marking
code
Zener voltage1)
Max. reverse
current
Reverse
voltage
Max. voltage
change
VZ at IZT = 50 µA
IR
VR
ΔV
Z
2)
V
µA
V
V
typ.
min.
max.
MMBZ4681-V
CF
2.4
2.28
2.52
2.0
1.0
0.80
MMBZ4682-V
CH
2.7
2.57
2.84
1.0
1.0
0.85
MMBZ4683-V
CJ
3.0
2.85
3.15
0.8
1.0
0.90
MMBZ4684-V
CK
3.3
3.14
3.47
7.5
1.5
0.95
MMBZ4685-V
CM
3.6
3.42
3.78
7.5
2.0
0.95
MMBZ4686-V
CN
3.9
3.71
4.10
5.0
2.0
0.97
MMBZ4687-V
CP
4.3
4.09
4.52
4.0
2.0
0.99
MMBZ4688-V
CT
4.7
4.47
4.94
10.0
3.0
0.99
MMBZ4689-V
CU
5.1
4.85
5.36
10.0
3.0
0.97
MMBZ4690-V
CV
5.6
5.32
5.88
10.0
4.0
0.96
MMBZ4691-V
CA
6.2
5.89
6.51
10.0
5.0
0.95
MMBZ4692-V
CX
6.8
6.46
7.14
10.0
5.1
0.90
MMBZ4693-V
CY
7.5
7.13
7.88
10.0
5.7
0.75
MMBZ4694-V
CZ
8.2
7.79
8.61
1.0
6.2
0.5
MMBZ4695-V
DC
8.7
8.27
9.14
1.0
6.6
0.1
MMBZ4696-V
DD
9.1
8.65
9.56
1.0
6.9
0.08
MMBZ4697-V
DE
10.0
9.50
10.5
1.0
7.6
0.1
MMBZ4698-V
DF
11.0
10.50
11.6
0.05
8.4
0.11
MMBZ4699-V
DH
12.0
11.40
12.6
0.05
9.1
0.12
MMBZ4700-V
DJ
13.0
12.40
13.7
0.05
9.8
0.13
MMBZ4701-V
DK
14.0
13.30
14.7
0.05
10.6
0.14
MMBZ4702-V
DM
15.0
14.30
15.8
0.05
11.4
0.15
MMBZ4703-V
DN
16.0
15.20
16.8
0.05
12.1
0.16
MMBZ4704-V
DP
17.0
16.20
17.9
0.05
12.9
0.17
MMBZ4705-V
DT
18.0
17.10
18.9
0.05
13.6
0.18
MMBZ4706-V
DU
19.0
18.10
20.0
0.05
14.4
0.19
MMBZ4707-V
DV
20.0
19.00
21.0
0.01
15.2
0.2
MMBZ4708-V
DA
22.0
20.90
23.1
0.01
16.7
0.22
MMBZ4709-V
DZ
24.0
22.80
25.2
0.01
18.2
0.24
MMBZ4710-V
DY
25.0
23.80
26.3
0.01
19.0
0.25
MMBZ4711-V
EA
27.0
25.70
28.4
0.01
20.4
0.27
MMBZ4712-V
EC
28.0
26.60
29.4
0.01
21.2
0.28
MMBZ4713-V
ED
30.0
28.50
31.5
0.01
22.8
0.3
MMBZ4714-V
EE
33.0
31.40
34.7
0.01
25.0
0.33
MMBZ4715-V
EF
36.0
34.20
37.8
0.01
27.3
0.36
MMBZ4716-V
EH
39.0
37.10
41.0
0.01
29.6
0.39
MMBZ4717-V
EJ
43.0
40.90
45.2
0.01
32.6
0.43


Similar Part No. - MMBZ4683-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBZ4683-V VISHAY-MMBZ4683-V Datasheet
92Kb / 5P
   Small Signal Zener Diodes
Rev. 1.7, 29-Nov-11
More results

Similar Description - MMBZ4683-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com