Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P8P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P8P
Description  Fully Sealed Container Cermet Trimmers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P8P Datasheet(HTML) 3 Page - Vishay Siliconix

  P8P Datasheet HTML 1Page - Vishay Siliconix P8P Datasheet HTML 2Page - Vishay Siliconix P8P Datasheet HTML 3Page - Vishay Siliconix P8P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
See also: Application notes
Document Number: 51019
50
Revision: 26-Oct-06
P8P
Vishay Sfernice
Fully Sealed Container Cermet Trimmers
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
P8PX - P8PY
P8PT
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
Ω
W
V
mA
W
V
mA
ppm/°C
10
22
47
0.5
2.2
3.3
4.8
224
150
103
13.16
4.69
6.86
316
213
146
0
+ 200
100
220
470
1K
2.2K
4.7K
10K
22K
47K
100K
220K
470K
1M
2.2M
0.5
0.28
0.13
0.06
0.028
7
10.5
15.3
22.4
33.2
48.5
7.7
105
153
224
250
250
250
250
70
47
32
22
15
10
7
4.8
3.2
2.2
1.1
1.53
0.25
0.11
1
0.63
0.28
0.13
0.06
0.03
10.0
14.8
21.7
31.6
46.9
68.6
100.0
148
217
250
250
250
250
250
100
67
46
32
21
15
10.0
6.7
4.6
2.5
1.1
0.5
0.3
0.1
± 100
MARKING
Printed :
- VISHAY trademark
- NF type if applicable
- series
- style
- ohmic value (in Ω , kΩ, MΩ)
- tolerance (in %)
- manufacturing date
- marking of terminal: 3
PACKAGING
- Plastic box of 50 pieces for P8PX and P8PY
- Plastic box of 24 pieces for P8PT
ORDERING INFORMATION
P8
MODEL
PY
STYLE
10 k
Ω
OHMIC VALUE
± 10 %
TOLERANCE
BL50
PACKAGING
e2
LEAD FINISH
P8PX and P8PY: BL50
P8PT: BL24
e2: SnAg alloy
SAP PART NUMBERING GUIDELINES
P
8
PY
1
0
3
K
B
2
5
MODEL
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables
STYLE


Similar Part No. - P8P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8P VISHAY-P8P Datasheet
114Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
P8PT103JB25 VISHAY-P8PT103JB25 Datasheet
114Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
P8PT103KB25 VISHAY-P8PT103KB25 Datasheet
114Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
P8PX103JB25 VISHAY-P8PX103JB25 Datasheet
114Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
P8PX103KB25 VISHAY-P8PX103KB25 Datasheet
114Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
More results

Similar Description - P8P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8S VISHAY-P8S Datasheet
154Kb / 4P
   Fully Sealed Container Cermet Trimmers
Revision: 26-Oct-06
T12 VISHAY-T12 Datasheet
132Kb / 5P
   Fully Sealed Container Square or Round Cermet Trimmers
Revision: 06-Jul-06
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13SM VISHAY-P13SM_V01 Datasheet
122Kb / 6P
   Fully Sealed Container Cermet Potentiometers Submarine Applications
01-Jan-2022
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
   Fully Sealed Container Cermet Potentiometers Submarine Applications
Revision: 10-Dec-15
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
Revision: 03-Apr-17
P12 VISHAY-P12 Datasheet
140Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com