Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE60FLFLW204MA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PE60FLFLW204MA
Description  Power Panel Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE60FLFLW204MA Datasheet(HTML) 1 Page - Vishay Siliconix

  PE60FLFLW204MA Datasheet HTML 1Page - Vishay Siliconix PE60FLFLW204MA Datasheet HTML 2Page - Vishay Siliconix PE60FLFLW204MA Datasheet HTML 3Page - Vishay Siliconix PE60FLFLW204MA Datasheet HTML 4Page - Vishay Siliconix PE60FLFLW204MA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51005
134
See also: Application notes
Revision: 05-Jun-08
PE60
Vishay Sfernice
Power Panel Potentiometer
FEATURES
• High power rating (6 W at 50 °C)
• Cermet element
• Full sealing
• Mechanical strength
• Industrial and professional grade
• Tests according to CECC 41 000
DIMENSIONS in millimeters
Ø 25
8
150
(5.872) Min
18
(0.709)
FR = 50 (1.969)
FL = 25
(0.984)
FG = 16
(0.630)
12
(0.472)
wrench = 14
(0.551)
Thread M 10 x 75
Slot 1 x 1.8 deep
(0.039 x 0.071)
Ø 6
(0.236)
wrench = 14 (0.551)
wrench = 12 (0.472)
6.5 (0.256)
Ø 6
(0.236)
15
(0.591)
Available only with PE 60 L
0.8 (0.031)
2.3 (0.091)
3 (0.118)
Ø 1.8
(0.071)
9.2
(0.362)
12.5
(0.492)
3 (0.118)
Available on PE 60 L and PE 60 F
Ø 1.2
(0.047)
Ø 10.5
(0.413)
Available only with bushing M10 x 0.75 and shafts Ø 6 mm
21 (0.825)
9 (0.356)
Flat Located
0.7 (0.028)
Sealing ring
FD = 13 (0.514)
FJ = 22 (0.868)
FP = 47 (1.852)
8 ± 0.2
(0.315 ±
0.008)
Ø 6
(0.236)
(1)
(2)
CW
(3)
Green
Yellow
Red
150
(5.872) Min
18
(0.709)
GR = 50.8 (2)
GJ = 22.22
(7/8)
GB = 12.7
(1/2)
9.52
(3/8)
wrench = 12.5
(0.492)
Thread 3/8 32-UNEF-2A
Slot 1 x 1.8 deep
(0.039 x 0.071)
Ø 6.35
(0.250)
CIRCUIT DIAGRAM
Panel sealed version
PE 60 M
OPTION E: Including locating peg (available only for PE 60 M)
OPTION D: DBAN SHAFT LOCKING
OPTION L: PE 60 LPRP - WITH LOCATING PEG
PE 60 L
PE 60 F
RoHS
COMPLIANT


Similar Part No. - PE60FLFLW204MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60FLGBW204MA VISHAY-PE60FLGBW204MA Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60FLGBW204MF VISHAY-PE60FLGBW204MF Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60FLGBW204ML VISHAY-PE60FLGBW204ML Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60FLGJW204MA VISHAY-PE60FLGJW204MA Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60FLGJW204MF VISHAY-PE60FLGJW204MF Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
More results

Similar Description - PE60FLFLW204MA

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P09X TTELEC-P09X Datasheet
976Kb / 6P
   Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
logo
TT Electronics.
P090 TTELEC-P090 Datasheet
546Kb / 3P
   Panel Potentiometer
P08X TTELEC-P08X Datasheet
1Mb / 7P
   Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
   Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
   Power Panel 6 W Potentiometer
01-Jan-2022
logo
CTS Corporation
11VR CTS-11VR Datasheet
1Mb / 8P
   11mm Panel Potentiometer
09VR CTS-09VR Datasheet
1Mb / 7P
   9mm Panel Potentiometer
14VR CTS-14VR Datasheet
922Kb / 5P
   14mm Panel Potentiometer
12VR CTS-12VR Datasheet
847Kb / 7P
   12mm Panel Potentiometer w/Illuminated Shaft
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com