Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFU0603FF06300P100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MFU0603FF06300P100
Description  Thin Film Flat Chip Fuses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU0603FF06300P100 Datasheet(HTML) 5 Page - Vishay Siliconix

  MFU0603FF06300P100 Datasheet HTML 1Page - Vishay Siliconix MFU0603FF06300P100 Datasheet HTML 2Page - Vishay Siliconix MFU0603FF06300P100 Datasheet HTML 3Page - Vishay Siliconix MFU0603FF06300P100 Datasheet HTML 4Page - Vishay Siliconix MFU0603FF06300P100 Datasheet HTML 5Page - Vishay Siliconix MFU0603FF06300P100 Datasheet HTML 6Page - Vishay Siliconix MFU0603FF06300P100 Datasheet HTML 7Page - Vishay Siliconix MFU0603FF06300P100 Datasheet HTML 8Page - Vishay Siliconix MFU0603FF06300P100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 28747
For technical questions, contact: ff3eresistors@vishay.com
www.vishay.com
Revision: 25-Jun-08
5
MFU Series - Thin Film Fuse
Thin Film Flat Chip Fuses
Vishay Beyschlag
Notes
(1)
Other values of rated current are available on request
(2)
Typical values
(3)
For packages with 1000 pieces, please use for packaging P1 instead of PW
(4)
For packages with 5000 pieces, please use for packaging P5 instead of PW
DESCRIPTION
Production is strictly controlled and follows an extensive
set
of
instructions
established
for
reproducibility.
A
homogeneous film of metal alloy is deposited on a high
grade ceramic body. The fuse elements are covered by a
protective coating designed for electrical, mechanical and
climatic protection. The terminations receive a final pure tin
on nickel plating.
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual fuses. Only accepted products are laid directly
into the paper tape in accordance with IEC 60286-3.
APPROVALS
The fuses are tested in accordance with IEC 60127-4 and
UL 248-14 which refers to UL 248-1, IEC 60127-1 and
IEC 60068 series. VDE-approval of conformity is indicated
by the UMF Logo on the package label. Recognition by
Underwriter Laboratories Inc. is indicated by the UL logo on
the package label.
ASSEMBLY
The fuses are suitable for processing on automatic SMD
assembly
systems.
They
are
suitable
for
automatic
soldering using wave, reflow or vapour phase. The
encapsulation is resistant to all cleaning solvents commonly
used in the electronics industry, including alcohols, esters
and aqueous solutions. The fuses are RoHS copmliant, the
pure tin plating provides compatibility with lead (Pb)-free
and lead-containing soldering processes. The immunity of
the plating against tin whisker growth has been proven
under extensive testing. All products comply with the
CEFIC-EECA-EICTA list of legal restrictions on hazardous
substances.
This includes full compliance with the following directives:
2000/53/EC End of Vehicle life Directive (ELV)
• 2000/53/EC Annex II to End of Vehicle Life Directive
(ELV
II)
• 2002/95/EC Restriction of the use of Hazardous
Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
Solderability is specified for 2 years after production or
requalification. The permitted storage time is 20 years.
MFU 1206 RATING - very quick acting (FF)
SIZE
FUSE
CHAR.
RATED
CURRENT (1)
RATED
VOLTAGE
PRE-ARCING (2)
I2t
at 10 x
IR
VOLT.
DROP (2)
at
1 x
IR
COLD
RESIS (2)
at
0.1 x
IR
BREAKING
CAPACITY
DC
MARK. APPROVAL
ORDERING CODE (3) (4)
1206
FF
500 mA
63 V
0.0009 A2s
433 mV
660 m
Ω
50 A at 63 V
F
UL/IEC
MFU 1206-FF PW 0A5
630 mA
63 V
0.0014 A2s
372 mV
450 m
Ω
50 A at 63 V
CT
UL
MFU 1206-FF PW 0A63
750 mA
63 V
0.0022 A2s
325 mV
330 m
Ω
50 A at 63 V
G
UL
MFU 1206-FF PW 0A75
800 mA
63 V
0.0023 A2s
273 mV
260 m
Ω
50 A at 63 V
CV
UL
MFU 1206-FF PW 0A8
1.0 A
63 V
0.0028 A2s
262 mV
200 m
Ω
50 A at 63 V
H
UL/IEC
MFU 1206-FF PW 1A0
1.25 A
63 V
0.0041 A2s
230 mV
140 m
Ω
50 A at 63 V
J
UL
MFU 1206-FF PW 1A25
1.5 A
63 V
0.0059 A2s
207 mV
105 m
Ω
50 A at 63 V
K
UL
MFU 1206-FF PW 1A5
1.6 A
63 V
0.0066 A2s
168 mV
80 m
Ω
50 A at 63 V
EF
UL/IEC
MFU 1206-FF PW 1A6
1.75 A
63 V
0.0077 A2s
174 mV
76 m
Ω
50 A at 63 V
L
UL
MFU 1206-FF PW 1A75
2.0 A
63 V
0.0102 A2s
181 mV
69 m
Ω
50 A at 63 V
N
UL/IEC
MFU 1206-FF PW 2A0
2.5 A
63 V
0.0159 A2s
161 mV
49 m
Ω
50 A at 63 V
O
UL
MFU 1206-FF PW 2A5
3.0 A
63 V
0.0229 A2s
173 mV
44 m
Ω
50 A at 63 V
P
UL
MFU 1206-FF PW 3A0
3.15 A
63 V
0.0251 A2s
153 mV
37 m
Ω
50 A at 63 V
EL
UL/IEC
MFU 1206-FF PW 3A15
3.5 A
63 V
0.0310 A2s
161 mV
35 m
Ω
50 A at 63 V
R
UL
MFU 1206-FF PW 3A5
4.0 A
63 V
0.0404 A2s
147 mV
28 m
Ω
50 A at 63 V
S
UL
MFU 1206-FF PW 4A0
5.0 A
63 V
0.2275 A2s
131 mV
20 m
Ω
50 A at 63 V
T
UL
MFU 1206-FF PW 5A0
6.3 A
63 V
0.5160 A2s
116 mV
14 m
Ω
50 A at 63 V
ET
UL
MFU 1206-FF PW 6A3
Pb-free Identification
on the PackageLabel
e3


Similar Part No. - MFU0603FF06300P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU0603FF06300P100 VISHAY-MFU0603FF06300P100 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU0603FF06300P100 VISHAY-MFU0603FF06300P100 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MFU0603FF06300P100 VISHAY-MFU0603FF06300P100 Datasheet
172Kb / 13P
   Thin Film Chip FusesS
01-Jan-2022
More results

Similar Description - MFU0603FF06300P100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU_10 Datasheet
179Kb / 13P
   Thin Film Chip Fuses
Revision: 06-May-10
MFU1206FF03000P500 VISHAY-MFU1206FF03000P500 Datasheet
169Kb / 13P
   Thin Film Chip Fuses
Revision: 11-Mar-13
MCS0402 VISHAY-MCS0402 Datasheet
632Kb / 2P
   Precision Thin Film Flat Chip Resistors
Revision 18-Dec-09
TNPVE3 VISHAY-TNPVE3 Datasheet
112Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
Revision: 24-Apr-15
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPVE3 VISHAY-TNPVE3_V01 Datasheet
141Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
01-Jan-2022
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com