Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9A4X100FIRX1103MA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P9A4X100FIRX1103MA
Description  9 mm Multi-Ganged Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P9A4X100FIRX1103MA Datasheet(HTML) 4 Page - Vishay Siliconix

  P9A4X100FIRX1103MA Datasheet HTML 1Page - Vishay Siliconix P9A4X100FIRX1103MA Datasheet HTML 2Page - Vishay Siliconix P9A4X100FIRX1103MA Datasheet HTML 3Page - Vishay Siliconix P9A4X100FIRX1103MA Datasheet HTML 4Page - Vishay Siliconix P9A4X100FIRX1103MA Datasheet HTML 5Page - Vishay Siliconix P9A4X100FIRX1103MA Datasheet HTML 6Page - Vishay Siliconix P9A4X100FIRX1103MA Datasheet HTML 7Page - Vishay Siliconix P9A4X100FIRX1103MA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 51047
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 26-Nov-07
4
P9
9 mm Multi-Ganged Potentiometer
Vishay Sfernice
Note
(1) For X bushing (16 mm)
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL
NUMBER
OF
MODULES
BUSHING
LOCATING
PEG
PANEL
SEALED
DETENT
OPTION
SHAFT
PIN
STYLE
RESISTANCE CODE/
TOLERANCE CODE/
TAPER
0 = without
1 = with
0 = without
P = with
0 = without
M = center
detent
see
code
below
LOCATING PEG
DETENT OPTION
• Stable position and
in Mid mechanical travel
• Rotational life:
10 000 actuations
2
[0.08]
0.8
[0.03]
0.8
[0.03]
5.6
[0.22]
Full CW
Full CCW
PANEL SEALED
• Only for R bushing without locating peg.
• Front mounting surface for R bushing with panel sealed option
is: 6.2 mm ± 0.5
• The ring is delivered with nut and washer.
• The seal should be placed between panel and body.
Sealing is obtained by tightening the seal against the panel
when mounting the potentiometer.
Tightening torque 50 Ncm up to 100 Ncm
• Advised Panel Hole dimensions
Ø 6.9
[0.27]
2.35
[0.09]
4.7
[0.19]
Ø 6.9
[0.27]
SHAFT DIAMETER - FMS - STYLE
L (mm)
15
20
25
30
Style
Round
Slotted
Flat
Knurled
Round
Slotted
Flat
Round
Slotted
Flat
Round
Slotted
Flat
Ø 3.5
DFR
DFS
DFF
-
DIR
DIS
DIF
DLR
DLS
DLF
DMR
DMS
DMF
Ø 6
FFR
FFS
FFF
FGK (1)
FIR
FIS
FIF
FLR
FLS
FLF
FMR
FMS
FMF
Round
Slotted
Flat
Knurled
P1
Ø 3.5 = 2.5 mm
Ø 6 = 4.5 mm
P2
L = 15 mm
→ 7 mm
L > 15 mm
→ 12 mm
L
Ø
1
[0.039]
0.5
[0.020]
0.5
[0.020]
1.6
[0.06]
For D Diameter: Ø 4.7 mm
For F Diameter: Ø 6 mm
Ø
L
P2
P1
1
[0.039]
20°
90°
6
[0.236]
5
[0.197]
18 teeth
R1
0
0
F
I
R
1
0
M
A
P
1
9
X1
3
A


Similar Part No. - P9A4X100FIRX1103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
More results

Similar Description - P9A4X100FIRX1103MA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90_14 Datasheet
505Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9 VISHAY-P9_17 Datasheet
236Kb / 9P
   9 mm Multi-Ganged Potentiometer
Revision: 04-Jul-17
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
   9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTR90 BOURNS-PTR90_14 Datasheet
426Kb / 3P
   9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
PTV09A-4020F BOURNS-PTV09A-4020F Datasheet
1Mb / 5P
   PTV09 Series - 9 mm Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com