Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9A6X100FIRX1103MA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P9A6X100FIRX1103MA
Description  9 mm Multi-Ganged Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P9A6X100FIRX1103MA Datasheet(HTML) 1 Page - Vishay Siliconix

  P9A6X100FIRX1103MA Datasheet HTML 1Page - Vishay Siliconix P9A6X100FIRX1103MA Datasheet HTML 2Page - Vishay Siliconix P9A6X100FIRX1103MA Datasheet HTML 3Page - Vishay Siliconix P9A6X100FIRX1103MA Datasheet HTML 4Page - Vishay Siliconix P9A6X100FIRX1103MA Datasheet HTML 5Page - Vishay Siliconix P9A6X100FIRX1103MA Datasheet HTML 6Page - Vishay Siliconix P9A6X100FIRX1103MA Datasheet HTML 7Page - Vishay Siliconix P9A6X100FIRX1103MA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51047
1
Revision: 26-Nov-07
P9
Vishay Sfernice
9 mm Multi-Ganged Potentiometer
FEATURES
• Conductive plastic element
• Ultra compact (extra miniature module size)
• Multiple assemblies (up to seven modules)
• Shaft and panel sealed option
• Center mechanical detent fully integrated in option
• Center tap option
• Custom designs available on request
RoHS
COMPLIANT
DIMENSIONS in millimeters [inches] (± 0.5 mm)
P9A
P9A: Vertical Mounting
P9A Center Tap:
P9A Center Tap: Vertical Mounting
M7 x 0.75
0.9
[0.04]
11.35
[0.45]
2.5
[0.10]
L: see Shaft Table
7
[0.276]
5
[0.20]
6.4
[0.25]
2.5
[0.10]
3.6
[0.14]
2.5
[0.10]
1
[0.04]
0.45
[0.02]
R
9.5
[0.37]
3.5
[0.14]
2.5
[0.10]
2.5
[0.10]
P9
3
3.45
[0.14]
see Shaft Table
2.5
[0.10]
7.5
[0.30]
4.7
[0.19]
3.8
[0.15]
see Bushing Table
7.5
[0.30]
2.5
[0.10]
2.5
[0.10]
3 x
0.9
[0.04]
2.5
[0.10]
3.5
[0.14]
2
[0.08]
2.5
[0.10]
2.5
[0.10]
2.5
[0.10]
0.2
[0.01]
5.6
[0.22]
7.9
[0.31]


Similar Part No. - P9A6X100FIRX1103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
More results

Similar Description - P9A6X100FIRX1103MA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90_14 Datasheet
505Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9 VISHAY-P9_17 Datasheet
236Kb / 9P
   9 mm Multi-Ganged Potentiometer
Revision: 04-Jul-17
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
   9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTR90 BOURNS-PTR90_14 Datasheet
426Kb / 3P
   9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
PTV09A-4020F BOURNS-PTV09A-4020F Datasheet
1Mb / 5P
   PTV09 Series - 9 mm Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com