Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE30L0FP204MAB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PE30L0FP204MAB
Description  Fully Sealed Container Cermet Potentiometer Military and Professional Grade
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE30L0FP204MAB Datasheet(HTML) 2 Page - Vishay Siliconix

  PE30L0FP204MAB Datasheet HTML 1Page - Vishay Siliconix PE30L0FP204MAB Datasheet HTML 2Page - Vishay Siliconix PE30L0FP204MAB Datasheet HTML 3Page - Vishay Siliconix PE30L0FP204MAB Datasheet HTML 4Page - Vishay Siliconix PE30L0FP204MAB Datasheet HTML 5Page - Vishay Siliconix PE30L0FP204MAB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PE30
Vishay Sfernice
Fully Sealed Container Cermet Potentiometer
Military and Professional Grade
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51037
132
Revision: 04-Sep-08
ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet
Electrical Travel
270° ± 10 °
Resistance Range
Linear Law
22
Ω to 10 MΩ
Logarithmic Laws
100
Ω to 2.2 MΩ
Standard Series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
Standard
± 20 %
On Request
± 10 % to ± 5 %
Varation Law
Linear
A
Power Rating
Linear
3 W at 70 °C
Logarithmic
1.5 W at 70 °C
Temperature Coefficient (Typical)
± 150 ppm/°C
Limiting Element Voltage
300 V
Contact Resistance Variation
3 % Rn or 3
Ω
End Resistance (Typical)
1
Ω
Dielectric Strength (RMS)
2500 V
Insulation Resistance (300 VDC)
105 M
Ω
Independent Linearity (Typical)
± 5 %
a
(1)
b
(2)
c
(3)
cw
CIRCUIT DIAGRAM
100
80
60
40
20
0
0
100
80
60
40
20
% CLOCKWISE SHAFT ROTATION
F
L
A
AMBIENT TEMPERATURE IN °C
0
20
40
60 70 80
100
120
140
0
3
LIN. LAW A
1
2
LOG. LAW
L and F


Similar Part No. - PE30L0FP204MAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
More results

Similar Description - PE30L0FP204MAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P12 VISHAY-P12 Datasheet
140Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision 19-Jul-02
P13 VISHAY-P13 Datasheet
117Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
PE30 VISHAY-PE30_18 Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30 VISHAY-PE30_V01 Datasheet
116Kb / 6P
   Fully Sealed Potentiometer Professional Grade
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com