Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5250 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MMSZ5250
Description  Small Signal Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMSZ5250 Datasheet(HTML) 1 Page - Vishay Siliconix

  MMSZ5250 Datasheet HTML 1Page - Vishay Siliconix MMSZ5250 Datasheet HTML 2Page - Vishay Siliconix MMSZ5250 Datasheet HTML 3Page - Vishay Siliconix MMSZ5250 Datasheet HTML 4Page - Vishay Siliconix MMSZ5250 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMSZ5225-V to MMSZ5267-V
Document Number 85774
Rev. 1.5, 20-Mar-06
Vishay Semiconductors
www.vishay.com
1
17431
Small Signal Zener Diodes
Features
• Silicon Planar Power Zener Diodes.
• Standard Zener voltage tolerance is ± 5 %
with a "B" suffix (e.g.: MMSZ5225B-V),
suffix “C” is ± 2 % tolerance
• These diodes are also available in MiniMELF case
with the designation TZM5225 ...TZM5267,
DO-35 case with type designation 1N5225 ...
1N5267 and SOT23 case with the type designa-
tion MMBZ5225-V ... MMBZ5267-V.
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD123 Plastic case
Weight: approx. 9.3 mg
Packaging codes/options:
GS18 / 10 k per 13 " reel (8 mm tape), 10 k/box
GS08 / 3 k per 7 " reel (8 mm tape), 15 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) On FR - 4 or FR - 5 board with minimum recommended solder pad layout.
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) On FR - 4 or FR - 5 board with minimum recommended solder pad layout.
Parameter
Test condition
Symbol
Value
Unit
Zener current (see Table "Characteristics")
Power dissipation
TL = 75 °C
Ptot
5001)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
3401)
K/W
Maximum junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 175
°C
e3


Similar Part No. - MMSZ5250

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ5250 GE-MMSZ5250 Datasheet
41Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ5250 MCC-MMSZ5250 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
logo
Vishay Siliconix
MMSZ5250 VISHAY-MMSZ5250 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
MMSZ5250 VISHAY-MMSZ5250 Datasheet
100Kb / 5P
   Small Signal Zener Diodes
Rev. 1.8, 23-Mar-12
MMSZ5250 VISHAY-MMSZ5250 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results

Similar Description - MMSZ5250

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com