Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5251 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMSZ5251
Description  Small Signal Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMSZ5251 Datasheet(HTML) 2 Page - Vishay Siliconix

  MMSZ5251 Datasheet HTML 1Page - Vishay Siliconix MMSZ5251 Datasheet HTML 2Page - Vishay Siliconix MMSZ5251 Datasheet HTML 3Page - Vishay Siliconix MMSZ5251 Datasheet HTML 4Page - Vishay Siliconix MMSZ5251 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85774
Rev. 1.5, 20-Mar-06
MMSZ5225-V to MMSZ5267-V
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C unless otherwise noted
Maximum VF = 0.9 V at IF = 10 mA
1) The Zener Impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal to 10 % of
the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
2) Measured with device junction in thermal equilibrium.
Partnumber
Marking
Code
Nominal
Zener
Voltage2)
Test
Current
Maximum Dynamic
Impedance1)
Typical Temperature of
Coefficient
Maximum Reverse
Leakage Current
VZ at IZT
IZT
ZZT at IZT
ZZK at IZK
= 0.25 mA
α
VZ
IR
VR
V
mA
Ω
Ω
%/°C
µA
V
MMSZ5225
C5
3.0
20
30
1600
- 0.075
50
1.0
MMSZ5226
D1
3.3
20
28
1600
- 0.070
25
1.0
MMSZ5227
D2
3.6
20
24
1700
- 0.065
15
1.0
MMSZ5228
D3
3.9
20
23
1900
- 0.060
10
1.0
MMSZ5229
D4
4.3
20
22
2000
- 0.055
5.0
1.0
MMSZ5230
D5
4.7
20
19
1900
± 0.030
5.0
2.0
MMSZ5231
E1
5.1
20
17
1600
± 0.030
5.0
2.0
MMSZ5232
E2
5.6
20
11
1600
+ 0.038
5.0
3.0
MMSZ5233
E3
6.0
20
7
1600
+ 0.038
5.0
3.5
MMSZ5234
E4
6.2
20
7
1000
+ 0.045
5.0
4.0
MMSZ5235
E5
6.8
20
5
750
+ 0.050
3.0
5.0
MMSZ5236
F1
7.5
20
6
500
+ 0.058
3.0
6.0
MMSZ5237
F2
8.2
20
8
500
+ 0.062
3.0
6.5
MMSZ5238
F3
8.7
20
8
600
+ 0.065
3.0
6.5
MMSZ5239
F4
9.1
20
10
600
+ 0.068
3.0
7.0
MMSZ5240
F5
10
20
17
600
+ 0.075
3.0
8.0
MMSZ5241
H1
11
20
22
600
+ 0.076
2.0
8.4
MMSZ5242
H2
12
20
30
600
+ 0.077
1.0
9.1
MMSZ5243
H3
13
9.5
13
600
+ 0.079
0.5
9.9
MMSZ5244
H4
14
9.0
15
600
+ 0.082
0.1
10
MMSZ5245
H5
15
8.5
16
600
+ 0.082
0.1
11
MMSZ5246
J1
16
7.8
17
600
+ 0.083
0.1
12
MMSZ5247
J2
17
7.4
19
600
+ 0.084
0.1
13
MMSZ5248
J3
18
7.0
21
600
+ 0.085
0.1
14
MMSZ5249
J4
19
6.6
23
600
+ 0.086
0.1
14
MMSZ5250
J5
20
6.2
25
600
+ 0.086
0.1
15
MMSZ5251
K1
22
5.6
29
600
+ 0.087
0.1
17
MMSZ5252
K2
24
5.2
33
600
+ 0.087
0.1
18
MMSZ5253
K3
25
5.0
35
600
+ 0.089
0.1
19
MMSZ5254
K4
27
4.6
41
600
+ 0.090
0.1
21
MMSZ5255
K5
28
4.5
44
600
+ 0.091
0.1
21
MMSZ5256
M1
30
4.2
49
600
+ 0.091
0.1
23
MMSZ5257
M2
33
3.8
58
700
+ 0.092
0.1
25
MMSZ5258
M3
36
3.4
70
700
+ 0.093
0.1
27
MMSZ5259
M4
39
3.2
80
800
+ 0.094
0.1
30
MMSZ5260
M5
43
3.0
93
900
+ 0.095
0.1
33
MMSZ5261
N1
47
2.7
105
1000
+ 0.095
0.1
36
MMSZ5262
N2
51
2.5
125
1100
+ 0.096
0.1
39
MMSZ5263
N3
56
2.2
150
1300
+ 0.096
0.1
43
MMSZ5264
N4
60
2.1
170
1400
+ 0.097
0.1
46
MMSZ5265
N5
62
2.0
185
1400
+ 0.097
0.1
47
MMSZ5266
P1
68
1.8
230
1600
+ 0.097
0.1
52
MMSZ5267
P2
75
1.7
270
1700
+ 0.098
0.1
56


Similar Part No. - MMSZ5251

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ5251 GE-MMSZ5251 Datasheet
41Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ5251 MCC-MMSZ5251 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
logo
Vishay Siliconix
MMSZ5251 VISHAY-MMSZ5251 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
MMSZ5251 VISHAY-MMSZ5251 Datasheet
100Kb / 5P
   Small Signal Zener Diodes
Rev. 1.8, 23-Mar-12
MMSZ5251 VISHAY-MMSZ5251 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results

Similar Description - MMSZ5251

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com