Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOGC1600RS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SOGC1600RS
Description  Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SOGC1600RS Datasheet(HTML) 4 Page - Vishay Siliconix

  SOGC1600RS Datasheet HTML 1Page - Vishay Siliconix SOGC1600RS Datasheet HTML 2Page - Vishay Siliconix SOGC1600RS Datasheet HTML 3Page - Vishay Siliconix SOGC1600RS Datasheet HTML 4Page - Vishay Siliconix SOGC1600RS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 31506
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 25-Aug-06
35
SOGC 01, 03, 05
Thick Film Resistor Networks, Dual-In-Line
Small Outline Molded Dip, 01, 03, 05 Schematics
Vishay Dale
PERFORMANCE
TEST
MAX.
ΔR
(TYPICAL TEST LOTS)
Power Conditioning
± 0.50 %
ΔR
Thermal Shock
± 0.50 %
ΔR
Short Time Overload
± 0.25 %
ΔR
Low Temperature Operation
± 0.25 %
ΔR
Moisture Resistance
± 0.50 %
ΔR
Resistance to Soldering Heat
± 0.25 %
ΔR
Shock
± 0.25 %
ΔR
Vibration
± 0.25 %
ΔR
Load Life
± 0.50 %
ΔR
Terminal Strength
± 0.25 %
ΔR
Insulation Resistance
10 000 Megohm (minimum)
Dielectric Withstanding Voltage
No evidence of arcing or damage
(200 V RMS for 1 minute)
Ambient Temperature
°C
2.0
1.6
1.0
0.19
0.10
Single Resistor
SOGCxx03
SOGCxx01 & 05
SOGC2001, 03, 05 Pkg.
SOGC1601, 03, 05 Pkg.
Derating
- 50
0
+ 25
+ 70
+ 125
+ 150


Similar Part No. - SOGC1600RS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOGC1645DC VISHAY-SOGC1645DC Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1645EA VISHAY-SOGC1645EA Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1645EJ VISHAY-SOGC1645EJ Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1645RZ VISHAY-SOGC1645RZ Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1646DC VISHAY-SOGC1646DC Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
More results

Similar Description - SOGC1600RS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com