Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE30LAFP204MAB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PE30LAFP204MAB
Description  Fully Sealed Container Cermet Potentiometer Military and Professional Grade
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE30LAFP204MAB Datasheet(HTML) 1 Page - Vishay Siliconix

  PE30LAFP204MAB Datasheet HTML 1Page - Vishay Siliconix PE30LAFP204MAB Datasheet HTML 2Page - Vishay Siliconix PE30LAFP204MAB Datasheet HTML 3Page - Vishay Siliconix PE30LAFP204MAB Datasheet HTML 4Page - Vishay Siliconix PE30LAFP204MAB Datasheet HTML 5Page - Vishay Siliconix PE30LAFP204MAB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 51037
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 04-Sep-08
See also: Application notes
131
Fully Sealed Container Cermet Potentiometer
Military and Professional Grade
PE30
Vishay Sfernice
FEATURES
• High power rating (3 W at 70 °C)
• Low temperature coefficient (150 ppm/°C typical)
• Full sealing
• Use of faston 2.86 connections
• Tests according to CECC 41 000
• Wires and connectors available
• Custom design on request
RoHS
COMPLIANT
DIMENSIONS in millimeters (inches) ± 0.5 (± 0.02)
20 (0.79) max.
PE30L
12 (0.47)
8
(0.31)
Ø 19.7
(0.78)
13 (0.51)
max.
14 Wrench
Thread M10 x 0.75
Ø 6
(0.24)
76°
R 5.2
(0.20)
ac
b
3
(0.12)
2.85 (0.11)
0.5
(0.02)
FG = 16 (0.63)
FL = 25 (0.99)
FR = 50 (1.97)
3
(0.12)
Ø 1.8 (0.07)
3
(0.12)
12.5
(0.49)
8.8
(0.35)
2.3
(0.9)
0.8
(0.3)
PE30LL: LPRP - Locating Peg
9.2
(0.36)
Ø 3.5
(0.14)
Ø 10.5
(0.41)
PANEL MOUNT
PE30ME: Panel Sealed
Ø 1.2
(0.05)
Ø 6
(0.24)
Flats
located
FP = 47 (1.85)
FJ = 22 (0.87)
FD = 13
(0.61)
9 (0.35)
Sealing Ring
8 ± 0.2
(0.31 ± 0.01)
Ø 10.5
(0.41)
Ø 19.7
(0.78)
Ø 1 (0.4)
0.7 (0.03)
16 (0.63) max.
23 (0.91) max.
PANEL MOUNT
Slot
1 x 1.8
Deep


Similar Part No. - PE30LAFP204MAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
PE30LBFG204JA VISHAY-PE30LBFG204JA Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30LBFG204JF VISHAY-PE30LBFG204JF Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30LBFG204JL VISHAY-PE30LBFG204JL Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30LBFG204KA VISHAY-PE30LBFG204KA Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
More results

Similar Description - PE30LAFP204MAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P12 VISHAY-P12 Datasheet
140Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision 19-Jul-02
P13 VISHAY-P13 Datasheet
117Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
PE30 VISHAY-PE30_18 Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30 VISHAY-PE30_V01 Datasheet
116Kb / 6P
   Fully Sealed Potentiometer Professional Grade
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com