Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE30MAFP204MAB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PE30MAFP204MAB
Description  Fully Sealed Container Cermet Potentiometer Military and Professional Grade
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE30MAFP204MAB Datasheet(HTML) 3 Page - Vishay Siliconix

  PE30MAFP204MAB Datasheet HTML 1Page - Vishay Siliconix PE30MAFP204MAB Datasheet HTML 2Page - Vishay Siliconix PE30MAFP204MAB Datasheet HTML 3Page - Vishay Siliconix PE30MAFP204MAB Datasheet HTML 4Page - Vishay Siliconix PE30MAFP204MAB Datasheet HTML 5Page - Vishay Siliconix PE30MAFP204MAB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 51037
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 04-Sep-08
133
PE30
Fully Sealed Container Cermet Potentiometer
Military and Professional Grade
Vishay Sfernice
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
LOGS LAW
TYPICAL
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
Ω
WV
mA
WV
mA
ppm/°C
22
47
100
220
470
1K
2.2K
4.7K
10K
22K
47K
100K
220K
470K
1M
2.2M
4.7M
10M
3
3
3
3
3
3
3
3
3
3
1.91
0.90
0.41
0.19
0.09
0.04
0.02
0.01
8.12
11.87
17.32
25.69
37.55
57.44
81.24
118.74
173.20
256.9
300
300
300
300
300
300
300
300
369
252
173
116
79
54
37
25
17
11
6.3
3
1.36
0.63
0.30
0.13
0.06
0.03
1.5
1.5
1.5
1.5
1.5
1.5
0.9
0.41
0.19
0.09
38.7
57.4
83.9
122
181.6
265
300
300
300
300
38.7
26.1
17.9
12.2
8.25
5.64
3
1.36
0.63
0.30
± 150
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
Operating Torque (Typical)
3 Ncm max.
4.25 oz.-inch max.
End Stop Torque
120 Ncm max.
10.51 lb oz.-inch max.
Tightening Torque of Mounting Nut
250 Ncm max.
22 lb-inch max.
Unit Weight
23 to 32 g max.
0.8 to 1.13 oz.
Terminals
e3: pure Sn
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to 125 °C
Climatic Category
55/125/56
Sealing
Fully sealed - Container IP67
OPTIONS
Special Feature Command Shaft
Length is measured from the mounting surface to the free end of the shaft. The screwdriver
slot is aligned with the wiper within ± 10°. Special shafts are available, in accordance to
drawings supplied by customers. We recommend that customers should not machine tool
shafts, in order to avoid damage. Bending or torsion of terminals should also be avoided.
Panel Sealing (PE30M)
The panel sealing device consists of a ring located in a groove on the potentiometer face.
Sealing is obtained by tightening the ring against the panel when mounting the potentiometer.
Old code: PE30P


Similar Part No. - PE30MAFP204MAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30MAFP204MA VISHAY-PE30MAFP204MA Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
More results

Similar Description - PE30MAFP204MAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P12 VISHAY-P12 Datasheet
140Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
   Fully Sealed Container Cermet Potentiometer Professional Grade
01-Jan-2022
PE30 VISHAY-PE30 Datasheet
158Kb / 3P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision 19-Jul-02
P13 VISHAY-P13 Datasheet
117Kb / 5P
   Fully Sealed Container Cermet Potentiometers Military and Professional Grade
Revision: 06-Jul-06
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
   Fully Sealed Potentiometer Military and Professional Grade
Revision: 29-Aug-12
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
PE30 VISHAY-PE30_18 Datasheet
155Kb / 6P
   Fully Sealed Potentiometer Professional Grade
Revision: 01-Feb-18
PE30 VISHAY-PE30_V01 Datasheet
116Kb / 6P
   Fully Sealed Potentiometer Professional Grade
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com