Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

351HE2A9WZ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 351HE2A9WZ
Description  Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

351HE2A9WZ Datasheet(HTML) 3 Page - Vishay Siliconix

  351HE2A9WZ Datasheet HTML 1Page - Vishay Siliconix 351HE2A9WZ Datasheet HTML 2Page - Vishay Siliconix 351HE2A9WZ Datasheet HTML 3Page - Vishay Siliconix 351HE2A9WZ Datasheet HTML 4Page - Vishay Siliconix 351HE2A9WZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model 351 HE
Vishay Spectrol
Single Turn Bushing Mount Hall Effect
Sensor in Size 09 (22.2 mm)
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57099
162
Revision: 15-Nov-07
DIAGNOSTIC MODES
FAILURE
Vout Analog
Rpull-up
Vout Analog
Rpull-down
Vout PWM
Rpull-up = 1 kΩ
Vpull-up = Vsupply = 5 V
1: Broken GND
Diagnostic high area
Diagnostic low area
> 97 % Vsupply
without modulation
2: Broken Vout
Diagnostic high area
Diagnostic low area
> 97 % Vsupply
without modulation
3: Broken Vsupply
Diagnostic high area
Diagnostic low area
> 97 % Vsupply
without modulation
Over Voltage Vsupply > 7 V
Diagnostic high area
Diagnostic low area
> 97 % Vsupply
without modulation
Under Voltage Vsupply < 2.7 V
Diagnostic high area
Diagnostic low area
> 97 % Vsupply
without modulation
ENVIRONMENTAL SPECIFICATIONS
Vibrations
20 G from 10 Hz to 2000 Hz
Shocks
3 shocks/axis; 50 G half a sine 11 ms
Operating Temperature Range
- 45 °C; + 125 °C
Life
> 10M of cycles
Rotational Speed (max)
120 rpm
Immunity to Radiated Electromagnetic Disturbances
200 V/m 150 kHz/1 GHz
Immunity to Power Frequency Magnetic Field
200 A/m 50 Hz/60 Hz
Radiated Electromagnetic Emissions
30 MHz/1 GHz < 30 dBµV/m
Electrostatic Discharges
Contact discharges: ± 4 kV
Air discharges: ± 8 kV
Materials
Housing
Thermoplastic housing
Bushing
Brass nickel plated
Shaft
Stainless steel
Output
3 lead wires
Bushing Mount Hardware
Lockwasher Internal Tooth
Steel nickel plated
Panel Nut
Brass nickel plated
V
supply
V
pull-up
R
pull-up
V
out
GND
Cut off
Sensor
V
pull-up can be independent to Vsupply
1
2
3


Similar Part No. - 351HE2A9WZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
351HE VISHAY-351HE Datasheet
378Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
351HE1B9ZC0P27XXXX VISHAY-351HE1B9ZC0P27XXXX Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
351HE VISHAY-351HE_15 Datasheet
368Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_V01 Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
More results

Similar Description - 351HE2A9WZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
631HE VISHAY-631HE_V01 Datasheet
101Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
631HE VISHAY-631HE Datasheet
106Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 12-Apr-10
351HE VISHAY-351HE Datasheet
378Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_15 Datasheet
368Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
631HE VISHAY-631HE_15 Datasheet
359Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_V01 Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
78SHE VISHAY-78SHE_15 Datasheet
401Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
78SHE VISHAY-78SHE Datasheet
410Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)S
01-Jan-2022
34THE VISHAY-34THE_15 Datasheet
221Kb / 7P
   Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 25-Jul-12
34THE VISHAY-34THE_V01 Datasheet
230Kb / 7P
   Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com