Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y073421K5000F0L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # Y073421K5000F0L
Description  Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y073421K5000F0L Datasheet(HTML) 5 Page - Vishay Siliconix

  Y073421K5000F0L Datasheet HTML 1Page - Vishay Siliconix Y073421K5000F0L Datasheet HTML 2Page - Vishay Siliconix Y073421K5000F0L Datasheet HTML 3Page - Vishay Siliconix Y073421K5000F0L Datasheet HTML 4Page - Vishay Siliconix Y073421K5000F0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - Y073421K5000F0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y070680K5000A0L VISHAY-Y070680K5000A0L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000A1L VISHAY-Y070680K5000A1L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000A9L VISHAY-Y070680K5000A9L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000B0L VISHAY-Y070680K5000B0L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
Y070680K5000B1L VISHAY-Y070680K5000B1L Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
More results

Similar Description - Y073421K5000F0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
   Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
Revision: 05-Jun-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
   Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
Revision: 26-Jun-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com