Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1206A271 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VJ1206A271
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1206A271 Datasheet(HTML) 5 Page - Vishay Siliconix

  VJ1206A271 Datasheet HTML 1Page - Vishay Siliconix VJ1206A271 Datasheet HTML 2Page - Vishay Siliconix VJ1206A271 Datasheet HTML 3Page - Vishay Siliconix VJ1206A271 Datasheet HTML 4Page - Vishay Siliconix VJ1206A271 Datasheet HTML 5Page - Vishay Siliconix VJ1206A271 Datasheet HTML 6Page - Vishay Siliconix VJ1206A271 Datasheet HTML 7Page - Vishay Siliconix VJ1206A271 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45047
94
Revision: 20-Aug-08
VJ OMD - C0G (NP0)
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
OMD - C0G (NP0) CAPACITORS - TYPICAL PARAMETERS
- 75 - 50
- 25
0
25
50
75
100 125
2.0
1.5
1.0
0.5
0.0
- 0.5
- 1.0
- 1.5
- 2.0
TEMPERATURE COEFFICIENT OF CAPACITANCE
NP0
TEMPERATURE
°C
AGING RATE - NP0
HOURS
110
100
1000
10 000
0.2
0.1
0.0
- 0.1
- 0.2
TEMPERATURE
°C
MINIMUM INSULATION
RESISTANCE VS. TEMPERATURE
10
25
100 125
10 000
1000
100
10
0
100 200 300
400 500
600 700
800 900 1000
10
0
- 20
- 30
VOLTAGE COEFFICIENT OF CAPACITANCE - 1000 V RATED
DC VOLTS APPLIED
- 10
20
30


Similar Part No. - VJ1206A271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VJ1206A271KXX TI1-VJ1206A271KXX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
More results

Similar Description - VJ1206A271

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
logo
Johanson Technology Inc...
102R18W101KV4E JOHANSON-102R18W101KV4E Datasheet
1Mb / 36P
   ceramic capacitor solutions
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com