Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKT71 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VSKT71
Description  Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 75/95 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKT71 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VSKT71 Datasheet HTML 3Page - Vishay Siliconix VSKT71 Datasheet HTML 4Page - Vishay Siliconix VSKT71 Datasheet HTML 5Page - Vishay Siliconix VSKT71 Datasheet HTML 6Page - Vishay Siliconix VSKT71 Datasheet HTML 7Page - Vishay Siliconix VSKT71 Datasheet HTML 8Page - Vishay Siliconix VSKT71 Datasheet HTML 9Page - Vishay Siliconix VSKT71 Datasheet HTML 10Page - Vishay Siliconix VSKT71 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 94421
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Apr-08
7
VSK.71, .91..PbF Series
Thyristor/Diode and Thyristor/Thyristor
(ADD-A-PAKTM Generation 5 Power Modules),
75/95 A
Vishay High Power Products
Fig. 16 - On-State Power Loss Characteristics
Fig. 17 - On-State Power Loss Characteristics
Fig. 18 - On-State Power Loss Characteristics
0
20406080
100
120
140
Maximum Allowable Ambient Temperature (°C)
1.5 K/ W
3 K/ W
1 K/ W
0.7
K/ W
0.5
K/ W
0.3
K/
W
0.2
K/
W
0
50
100
150
200
250
300
350
0
40
80
120
160
200
240
180°
120°
90°
60°
30°
Total RMSOutp ut Current (A)
Conduc tion Angle
VSK.91.. Series
Per Mod ule
T = 125°C
J
0
20
406080
100
120
140
Maximum Allowable Amb ient Temperature (°C)
0.5
K/ W
0.3
K/ W
0.2
K/
W
1 K/ W
2 K/ W
0
100
200
300
400
500
600
040
80
120
160
200
Total Output Current (A)
180°
(Sine)
180°
(Rec t)
2 x VSK.91.. Series
Single Phase Bridge
Connected
T
= 125°C
J
0
2040
6080
100
120
140
Maximum Allowable Ambient Temperature (°C)
0.5 K
/ W
1 K/ W
0.3
K/ W
0.2
K/ W
R
=
0.1
K/
W
- D
elt
a
R
0
100
200
300
400
500
600
700
800
900
040
80
120
160
200
240
280
Total Output Current (A)
120°
(Rec t)
3 x VSK.91.. Series
Three Pha se Brid ge
Connec ted
T = 125°C
J


Similar Part No. - VSKT71

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT71 VISHAY-VSKT71 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT71-04 VISHAY-VSKT71-04 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT71-06 VISHAY-VSKT71-06 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT71-08 VISHAY-VSKT71-08 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKT71-10 VISHAY-VSKT71-10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
More results

Similar Description - VSKT71

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT26 VISHAY-VSKT26 Datasheet
200Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 27 A
Revision: 22-Apr-08
VSKT105 VISHAY-VSKT105 Datasheet
249Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 105 A
Revision: 04-Jul-08
VSKT41 VISHAY-VSKT41 Datasheet
320Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
IRKT41 VISHAY-IRKT41 Datasheet
337Kb / 12P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
VSKUV105 VISHAY-VSKUV105 Datasheet
177Kb / 8P
   Thyristor/Thyristor, 105 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 24-Apr-08
VSKUV41 VISHAY-VSKUV41 Datasheet
234Kb / 10P
   Thyristor/Thyristor, 45/60 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 25-Apr-08
VSKT91 VISHAY-VSKT91_10 Datasheet
451Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKT71 VISHAY-VSKT71_10 Datasheet
438Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 75 A
Revision: 17-May-10
VSKU91 VISHAY-VSKU91 Datasheet
369Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 17-May-10
VSKU71 VISHAY-VSKU71 Datasheet
352Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 75 A
Revision: 17-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com