Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ9722Y222 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ9722Y222
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ9722Y222 Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ9722Y222 Datasheet HTML 1Page - Vishay Siliconix VJ9722Y222 Datasheet HTML 2Page - Vishay Siliconix VJ9722Y222 Datasheet HTML 3Page - Vishay Siliconix VJ9722Y222 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Multilayer Ceramic Chip Capacitors
for Low Profile Applications
VJ X7R VTOP
Vishay Vitramon
Document Number: 45024
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 29-Sep-08
65
Not for New Designs
Product Discontinuation
FEATURES
• Ideal for “low headroom” (i.e. under IC) applications
• VTOP product available in 0.022" [0.56 mm] and
0.026" [0.66 mm] maximum thickness.
• Surface mount, precious metal technology,
wet build process
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 °C unless otherwise
specified
.
Capacitance Range: 470 pF to 0.33 µF
Voltage Range: 25 Vdc to 50 Vdc
Temperature Coefficient of Capacitance (TCC):
± 15 % from - 55 °C to + 125 °C
Dissipation Factor (DF):
25 V ratings: 3.5 % maximum at 1.0 Vrms and 1 kHz
50 V ratings: 2.5 % maximum at 1.0 Vrms and 1 kHz
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
Ω minimum or
1000
ΩF, whichever is less
At + 125 °C and rated voltage 10 000 M
Ω minimum or
100
ΩF, whichever is less
Dielectric Withstanding Voltage (DWV):
This is the maximum voltage the capacitors are tested for a
1 to 5 second period and the charge/discharge current does
not exceed 50 mA
≤ 50 Vdc: DWV at 250 % of rated voltage
Aging Rate: 1 % maximum per decade
DIMENSIONS in inches [millimeters]
CASE SIZE
STYLE/
DIELECTRIC
LENGTH (L)
WIDTH (W)
MAXIMUM
THICKNESS
(T)
TERMINATION (P)
MINIMUM
MAXIMUM
0603
VJ9522
VJ9526
0.063 ± 0.005 [1.60 ± 0.12]
0.031 ± 0.005 [0.80 ± 0.12]
0.022 [0.56]
0.026 [0.66]
0.012 [0.30]
0.018 [0.46]
0805
VJ9622
VJ9626
0.079 ± 0.008 [2.00 ± 0.20]
0.049 ± 0.008 [1.25 ± 0.20]
0.022 [0.56]
0.026 [0.66]
0.010 [0.25]
0.028 [0.71]
1206
VJ9722
VJ9726
0.126 ± 0.008 [3.20 ± 0.20]
0.063 ± 0.008 [1.60 ± 0.20]
0.022 [0.56]
0.026 [0.66]
0.010 [0.25]
0.028 [0.71]
1210
VJ9922
VJ9926
0.126 ± 0.008 [3.20 ± 0.20]
0.098 ± 0.008 [2.50 ± 0.20]
0.022 [0.56]
0.026 [0.66]
0.010 [0.25]
0.028 [0.71]
L
W
T
(MAX.)
P
ORDERING INFORMATION
VJ9626
Y
102
K
X
A
A
T
CASE CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
9522
9526
9622
9626
9722
9726
9922
9926
Y = X7R
Expressed in
picofarads (pF). The
first two digits are
significant, the third
is a multiplier.
Example:
102 = 1000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
X = Ni barrier
100 % tin plated
X = 25 V
A = 50 V
A = Unmarked
T = 7" reel/plastic tape
C = 7" reel/paper tape
R = 11 1/4" reel/plastic tape
P = 11 1/4" reel/paper tape
RoHS
COMPLIANT


Similar Description - VJ9722Y222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com