Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y16235R00000J0L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y16235R00000J0L
Description  Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y16235R00000J0L Datasheet(HTML) 3 Page - Vishay Siliconix

  Y16235R00000J0L Datasheet HTML 1Page - Vishay Siliconix Y16235R00000J0L Datasheet HTML 2Page - Vishay Siliconix Y16235R00000J0L Datasheet HTML 3Page - Vishay Siliconix Y16235R00000J0L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VPR220SZ (Z-Foil)
Vishay Foil ResistorsUltra High Precision Z-Foil Surface Mount Power Resistors
in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Tolerance to ± 0.01 % and Power Rating to 8 W
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63068
3
Revision: 06-Aug-07
Note
* For non-standard requests, please contact Application Engineering.
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y16235R00000Q9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
1623 = VPR220SZ
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
L = Bulk Pack
R = Tape and Reel
FOR EXAMPLE: ABOVE GLOBAL ORDER Y1623 5R00000 Q 9 L:
TYPE: VPR220SZ
VALUE: 5.0
Ω
ABSOLUTE TOLERANCE: ± 0.02 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk
HISTORICAL PART NUMBER: VPR220SZT 5R0000 Q B (will continue to be used)
VPR220SZ
T
5R0000
Q
B
MODEL
TERMINATION
OHMIC VALUE
RESISTANCE
TOLERANCE
PACKAGING
VPR220SZ
T = Lead (Pb)-free
None = Tin/Lead alloy
5.0
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
B = Bulk
T = Tape and Reel
62
35
000
R
Y1
Q9
0
L
0


Similar Part No. - Y16235R00000J0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1622350K650A0L VISHAY-Y1622350K650A0L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
Y1622350K650A9L VISHAY-Y1622350K650A9L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
Y1622350K650B0L VISHAY-Y1622350K650B0L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
Y1622350K650B9L VISHAY-Y1622350K650B9L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
Y1622350K650C0L VISHAY-Y1622350K650C0L Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
More results

Similar Description - Y16235R00000J0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VPR220S VISHAY-VPR220S_08 Datasheet
133Kb / 5P
   Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
Revision: 29-Feb-08
VPR220Z VISHAY-VPR220Z Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
VPR220 VISHAY-VPR220 Datasheet
68Kb / 2P
   Precision Foil Power Resistors in TO 220 Configuration
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com