Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y0098250R000B0L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y0098250R000B0L
Description  Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y0098250R000B0L Datasheet(HTML) 1 Page - Vishay Siliconix

  Y0098250R000B0L Datasheet HTML 1Page - Vishay Siliconix Y0098250R000B0L Datasheet HTML 2Page - Vishay Siliconix Y0098250R000B0L Datasheet HTML 3Page - Vishay Siliconix Y0098250R000B0L Datasheet HTML 4Page - Vishay Siliconix Y0098250R000B0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VSA101 (Z-Foil)
Vishay Foil Resistors
Document Number: 63143
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 03-Nov-08
1
Ultra High Precision Axial Z-Foil Resistor with
TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power,
Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
INDUSTRY BREAKTHROUGH
INTRODUCTION
The VSA101 Axial Bulk Metal® Z-foil resistor is Vishay’s
answer to the industry’s demand for ultra-high precision
resistors with axial terminations.
The Z-foil technology provides a significant reduction of the
resistive component’s sensitivity to ambient temperature
variations (TCR) and applied power changes (PCR). This,
along with all the additional Z-foil benefits presented in the
features section, allows designers to guarantee the highest
degree of stability and accuracy in fixed-resistor applications
using solutions based on Vishay’s revolutionary Z-foil
technology.
Our application engineering department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
± 0.05 ppm/°C typical (0 °C to + 60 °C)
± 0.2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.)
• Power coefficient of resistance “ΔR due to
self heating”: ± 5 ppm at rated power
• Rated power: 0.6 W at 70 °C; 0.3 W at 125 °C
• Resistance tolerance: to ± 0.005 %
• Load life stability: to ± 0.005 % at 70 °C, 2000 h at rated
power
• Resistance range: 5 Ω to 100 kΩ
• Vishay Foil resistors are not restricted to standard values,
we can supply specific “as required” values at no extra cost
or delivery (e.g. 100.1234
Ω vs. 100 Ω)
• Electrostatic discharge (ESD) up to 25 000 V
• Non inductive, non capacitive design
• Rise time: 1.0 ns effectively no ringing
• Current noise: ≤ - 40 dB
• Thermal EMF: 0.1 µV/°C maximum; 0.05 µV/°C typical
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: 0.08 µH
• Terminal finishes available: lead (Pb)-free
tin/lead alloy
• Maximum working voltage: 300 V
• Matched sets are available per request
• For better performances please contact us
• Testing available per EEE-INST002
APPLICATIONS
• Precision amplifiers, high precision instrumentation,
medical and automatic test equipment
• Laboratory, audio (high end stereo equipment)
• EB applications, military, airborne and space
• Down-hole (high temperature)
* Pb containing terminations are RoHS compliant, exemptions may apply
TABLE 1 - TOLERANCE AND TCR VS.
RESISTANCE
VALUE
STANDARD
TOLERANCE
TYPICAL TCR AND
MAXIMUM SPREAD
- 55 °C TO + 125 °C
(+ 25 °C REF.)
100
Ω to 100 kΩ
± 0.005 %
± 0.2 ± 1.3 ppm/°C
80
Ω to < 100 Ω
± 0.005 %
± 0.2 ± 1.5 ppm/°C
50
Ω to < 80 Ω
± 0.01 %
± 0.2 ± 1.8 ppm/°C
10
Ω to < 50 Ω
± 0.02 %
± 0.2 ± 2.3 ppm/°C
5
Ω to < 10 Ω
± 0.02 %
± 0.2 ± 2.8 ppm/°C
FIGURE 1 - POWER DERATING CURVE
200 %
175 %
150 %
125 %
100 %
75 %
50 %
25 %
0
- 75
- 50
- 25
0
+ 25 + 50 + 75 + 100 + 125 + 150 + 175 + 200
Ambient Temperature (°C)
- 55 °C
+ 70 °C
Double Rated Power
Rated Power


Similar Part No. - Y0098250R000B0L

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
Y000100 E-SWITCH-Y000100 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Vishay Siliconix
Y0006-10K/10KA VISHAY-Y0006-10K/10KA Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
Y0006V0001TT9L(10K/10K) VISHAY-Y0006V0001TT9L(10K/10K) Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
Y000780K5000V9L VISHAY-Y000780K5000V9L Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
Y0014150K000A0L VISHAY-Y0014150K000A0L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
More results

Similar Description - Y0098250R000B0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VFCP VISHAY-VFCP Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
Revision: 28-Jun-07
VFCP VISHAY-VFCP_V01 Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com