Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y11225K0000F0L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y11225K0000F0L
Description  Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y11225K0000F0L Datasheet(HTML) 1 Page - Vishay Siliconix

  Y11225K0000F0L Datasheet HTML 1Page - Vishay Siliconix Y11225K0000F0L Datasheet HTML 2Page - Vishay Siliconix Y11225K0000F0L Datasheet HTML 3Page - Vishay Siliconix Y11225K0000F0L Datasheet HTML 4Page - Vishay Siliconix Y11225K0000F0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63050
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 29-Feb-08
1
VPR220S, VPR221S
Vishay Foil Resistors
Bulk Metal® Foil Technology Precision Foil Power Surface Mount
Resistors in TO-220 Configuration with TCR of ± 2 ppm/°C,
Tolerance of to ± 0.01 % and Power Rating to 8 W
Any value at any tolerance within resistance range
Models VPR220S AND VPR221S, made from Vishay Bulk
Metal® foil, offer low TCR, high stability, tight tolerance and
fast response time in a small, molded resistor. Model
VPR220S is a 2 lead device. Model VPR221S is a 4 lead
Kelvin connected device. The 4 leaded version is highly
recommended for precision applications requiring ohmic
values of 100R or less.
weight = 1 g maximum
Notes
1. Lower or high values available upon request
2. - 55 °C to + 125 °C, + 25 °C ref.
weight = 1.2 g maximum
Notes
1. Lower or high values available upon request
2. - 55 °C to + 125 °C, + 25 °C ref.
FEATURES
• Temperature coefficient of resistance (TCR):
± 2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C Ref.)
• Tolerance: to ± 0.01 % (see tables 1 and 2)
• Electrostatic discharge (ESD): above 25 000 V
• Load life stability: ± 0.005 % (25 °C, 2000 h at rated power)
• Resistance range: 0.5 Ω to 10 kΩ
• Power rating: 8 W chassis mounted (per MIL-PRF-39009)
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: < - 40 dB
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Non hot spot design
• Thermal EMF: 0.05 µV/°C typical
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Any value available within resistance range (e.g. 1K234)
• Prototype samples available from 48 h. For more
information, please contact foil@vishay.com
• For better performances, please see VPR220SZ and
VPR221SZ datasheets
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - VPR220S
RESISTANCE
RANGE (
Ω)1)
TIGHTEST
TOLERANCE
TYPICAL
TCR2)
MAXIMUM
TCR2)
50 to 10K
± 0.01 %
± 2
± 5 ppm/°C
25 to < 50
± 0.02 %
± 2
± 7 ppm/°C
10 to < 25
± 0.05 %
± 2
± 10 ppm/°C
5 to < 10
± 0.1 %
± 2
± 13 ppm/°C
TABLE 2 - VPR221S
RESISTANCE
RANGE (
Ω)1)
TIGHTEST
TOLERANCE
TYPICAL
TCR2)
MAXIMUM
TCR2)
10 to < 500
± 0.01 %
± 2
± 5 ppm/°C
1 to < 10
± 0.02 %
± 2
± 5 ppm/°C
0.5 to < 1
± 0.05 %
± 2
± 5 ppm/°C
FIGURE 1 - POWER DERATING CURVE
Available
Pb-free
RoHS*
COMPLIANT
I
1
E
1
E
2
I
2
R
V
I
I
Ambient Temperature (°C)
+ 150
+ 125
+ 100
+ 75
+ 50
+ 25
0
- 25
- 50
+ 100
+ 75
+ 50
+ 25
0
- 55 °C


Similar Part No. - Y11225K0000F0L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
Y11 TAYCHIPST-Y11 Datasheet
3Mb / 3P
   ZENER DIODES
Y110 TAYCHIPST-Y110 Datasheet
3Mb / 3P
   ZENER DIODES
logo
Power Innovations Ltd
Y1112 POINN-Y1112 Datasheet
85Kb / 4P
   THE FLUORACTOR Y1112 FLUORESCENT LAMP STARTER SWITCH
Y1112L POINN-Y1112L Datasheet
76Kb / 4P
   THE FLUORACTOR Y1112L FLUORESCENT LAMP STARTER SWITCH
logo
Switchcraft, Inc.
Y113D SWITCH-Y113D Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
More results

Similar Description - Y11225K0000F0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
VCS1610 VISHAY-VCS1610 Datasheet
141Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
Revision: 23-Jul-08
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 06-Aug-07
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
Revision: 19-Feb-08
VPR220 VISHAY-VPR220 Datasheet
68Kb / 2P
   Precision Foil Power Resistors in TO 220 Configuration
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com