Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y11225R0000F0L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y11225R0000F0L
Description  Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y11225R0000F0L Datasheet(HTML) 2 Page - Vishay Siliconix

  Y11225R0000F0L Datasheet HTML 1Page - Vishay Siliconix Y11225R0000F0L Datasheet HTML 2Page - Vishay Siliconix Y11225R0000F0L Datasheet HTML 3Page - Vishay Siliconix Y11225R0000F0L Datasheet HTML 4Page - Vishay Siliconix Y11225R0000F0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VPR220S, VPR221S
Vishay Foil Resistors Bulk Metal
® Foil Technology Precision Foil Power Surface
Mount Resistors in TO-220 Configuration with TCR of
± 2 ppm/°C, Tolerance of to ± 0.01 % and Power Rating to 8 W
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63050
2
Revision: 29-Feb-08
Notes
1. Whichever is lower
2. Heat sink chassis dimensions and requirements per MIL-R-39009/1B:
3. Inductance (L) due mainly to the leads
4. The resolution limit of existing test equipment (within the measurement capability of the equipment, or “essentially zero”)
5. µV/°C relates to EMF due to lead temperature difference
FIGURE 2 - TYPICAL TCR CURVE
- 50
- 25
0
+ 20
+ 50
+ 75
+ 100
+ 125
- 55
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
ΔR
R
(ppm)
Ambient Temperature (°C)
± 2 ppm/°C (+ 25 °C Reference)
FIGURE 3 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Opposing
Current in
Adjacent Lines
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
TABLE 3 - SPECIFICATIONS
Load Life Stability at 2000 h
± 0.05 % max.
ΔR under full rated power at + 25 °C
Power Rating at + 25 °C
8 W or 3 A1) on heat sink2)
1.5 W or 3 A1) in free air
Further derating not necessary
Current Noise
< 0.010 µV (rms)/V of applied voltage (- 40 dB)
High Frequency Operation
Rise time
1 ns without ringing
Inductance3) (L)
0.1 µH maximum: 0.03 µH typical
Capacitance (C)
1.0 pF maximum: 0.5 pF typical
Voltage Coefficient4)
< 0.1 ppm/V
Operating Temperature Range
- 55 °C to + 150 °C
Maximum Working Voltage
300 V. Not to exceed power rating
Thermal EMF5)
0.15 µV/°C maximum (lead effect)
DIMENSION
INCHES
mm
L
6.00
152.4
W
4.00
101.6
H
2.00
50.8
T
0.04
1.0


Similar Part No. - Y11225R0000F0L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
Y11 TAYCHIPST-Y11 Datasheet
3Mb / 3P
   ZENER DIODES
Y110 TAYCHIPST-Y110 Datasheet
3Mb / 3P
   ZENER DIODES
logo
Power Innovations Ltd
Y1112 POINN-Y1112 Datasheet
85Kb / 4P
   THE FLUORACTOR Y1112 FLUORESCENT LAMP STARTER SWITCH
Y1112L POINN-Y1112L Datasheet
76Kb / 4P
   THE FLUORACTOR Y1112L FLUORESCENT LAMP STARTER SWITCH
logo
Switchcraft, Inc.
Y113D SWITCH-Y113D Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
More results

Similar Description - Y11225R0000F0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
VCS1610 VISHAY-VCS1610 Datasheet
141Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
Revision: 23-Jul-08
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 06-Aug-07
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
Revision: 19-Feb-08
VPR220 VISHAY-VPR220 Datasheet
68Kb / 2P
   Precision Foil Power Resistors in TO 220 Configuration
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com