Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y090312R7560Q0B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y090312R7560Q0B
Description  Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y090312R7560Q0B Datasheet(HTML) 2 Page - Vishay Siliconix

  Y090312R7560Q0B Datasheet HTML 1Page - Vishay Siliconix Y090312R7560Q0B Datasheet HTML 2Page - Vishay Siliconix Y090312R7560Q0B Datasheet HTML 3Page - Vishay Siliconix Y090312R7560Q0B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VSH, VSC
Vishay Foil Resistors Bulk Metal
® Foil Technology Low Profile Conformally Coated High
Precision Resistor with Tight Tolerance from ± 0.01 % and Load
Life Stability of ± 0.01 % and Instantaneous Thermal Stabilization
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63087
2
Revision: 27-Aug-08
TABLE 1 - TOLERANCE AND TCR VS. RESISTANCE VALUE (- 55 °C to + 125 °C, + 25 °C Ref.)
RESISTOR
RESISTANCE VALUE
(
Ω)
TYPICAL TCR AND MAX. SPREAD
(ppm/°C)
TOLERANCE
(%)
VSH2
VSC2
60K to 120K
± 2 ± 4.5
± 0.01 %
VSH1
VSC1
80 to < 60K
± 2 ± 4.5
± 0.01 %
VSH1
VSC1
50 to < 80
± 2 ± 5.5
± 0.02 %
VSH1
VSC1
5 to < 50
± 2 ± 6.5
± 0.05 %
TABLE 2 - PERFORMANCE SPECIFICATIONS
TEST
CONDITIONS
ΔR (%) - TYPICAL
ΔR (%) - MAXIMUM
Moisture Resistance
MIL-STD-202, method 106
± 0.005
± 0.03
Pressure Cooker Test
2 atmospheres absolute pressure,
121 °C, 100 % R.H. for 100 h
± 0.2
± 0.4
Short Time Overload
6.25 x Pnom, 5 s
± 0.005
± 0.05
Resistance to Solder Heat
+ 260 °C, 20 s
± 0.01
± 0.03
Terminal Strength
2 lbs, 10 s
± 0.0025
± 0.03
Insulation Resistance
DC 100 V, 2 min
> 10 000M
> 10 000M
Dielectric Withstanding Voltage
AC 300 V, 1 min
± 0.0025
± 0.03
Thermal Shock
- 65 °C to + 150 °C, 5 cycles
± 0.01
± 0.02
Shock
MIL-STD-202, method 213, condition I
± 0.005
± 0.03
Vibration
MIL-STD-202, method 204, condition D
± 0.01
± 0.03
Load Life Stability
0.3 W, + 70 °C, 2000 h
± 0.01
± 0.015
Thermal EMF
-
0.07 µV/°C
0.1 µV/°C
Current Noise
Quan-Tech
- 42 dB
- 32 dB
Low Temperature Storage
24 h at - 65 °C
± 0.005
± 0.01
Low Temperature Operation
45 min at - 65 °C
± 0.005
± 0.01
High Temperature Exposure
+ 150 °C
± 0.01
± 0.03
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - POWER DERATING CURVE
100
75
50
25
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
+ 70 °C


Similar Part No. - Y090312R7560Q0B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y09255K0000A0L VISHAY-Y09255K0000A0L Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
Y09255K0000A9L VISHAY-Y09255K0000A9L Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
Y09255K0000B0L VISHAY-Y09255K0000B0L Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
Y09255K0000B9L VISHAY-Y09255K0000B9L Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
Y09255K0000C0L VISHAY-Y09255K0000C0L Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
More results

Similar Description - Y090312R7560Q0B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
Vishay Siliconix
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com