Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKD27024 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSKD27024
Description  Standard Recovery Diodes, 250 to 320 A (MAGN-A-PAKTM Power Modules)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKD27024 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSKD27024 Datasheet HTML 1Page - Vishay Siliconix VSKD27024 Datasheet HTML 2Page - Vishay Siliconix VSKD27024 Datasheet HTML 3Page - Vishay Siliconix VSKD27024 Datasheet HTML 4Page - Vishay Siliconix VSKD27024 Datasheet HTML 5Page - Vishay Siliconix VSKD27024 Datasheet HTML 6Page - Vishay Siliconix VSKD27024 Datasheet HTML 7Page - Vishay Siliconix VSKD27024 Datasheet HTML 8Page - Vishay Siliconix VSKD27024 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93581
2
Revision: 30-Oct-08
VSK.250, VSK.270, VSK.320 Series
Vishay High Power Products
Standard Recovery Diodes, 250 to 320 A
(MAGN-A-PAKTM Power Modules)
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT 150 °C
mA
VSK.250-
VSK.270-
VSK.320-
04
400
500
50
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100
VSK.270-
30
3000
3100
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VSK.250
VSK.270
VSK.320
UNITS
Maximum average forward
current at case temperature
IF(AV)
180° conduction, half sine wave
250
270
320
A
100
100
100
°C
Maximum RMS forward current
IF(RMS)
As AC switch
393
424
502
A
Maximum peak, one-cycle
forward, non-repetitive
surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
7015
8920
10 110
t = 8.3 ms
7345
9340
10 580
t = 10 ms
100 % VRRM
reapplied
5900
7500
8500
t = 8.3 ms
6180
7850
8900
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
246
398
511
kA2s
t = 8.3 ms
225
363
466
t = 10 ms
100 % VRRM
reapplied
174
281
361
t = 8.3 ms
159
257
330
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
2460
3980
5110
kA2
√s
Low level value of
threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)),
TJ = TJ maximum
0.79
0.74
0.69
V
High level value of
threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.92
0.87
0.86
Low level forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)),
TJ = TJ maximum
0.63
0.94
0.59
m
Ω
High level forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.49
0.81
0.44
Maximum forward voltage drop
VFM
IFM = π x IF(AV), TJ = TJ maximum, 180° conduction
Average power = VF(TO) x IF(AV) + rf x (IF(RMS))2
1.29
1.48
1.28
V
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak reverse leakage current
IRRM
TJ = 150 °C
50
mA
RMS insulation voltage
VINS
50 Hz, circuit to base, all terminals shorted, t = 1 s
3000
V


Similar Part No. - VSKD27024

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD270-04 VISHAY-VSKD270-04 Datasheet
328Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKD270-08 VISHAY-VSKD270-08 Datasheet
328Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKD270-12 VISHAY-VSKD270-12 Datasheet
328Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKD270-16 VISHAY-VSKD270-16 Datasheet
328Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKD270-20 VISHAY-VSKD270-20 Datasheet
328Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
More results

Similar Description - VSKD27024

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDL240-06S10 VISHAY-VSKDL240-06S10 Datasheet
287Kb / 11P
   Fast Recovery Diodes, 250 A (MAGN-A-PAKTM Power Modules)
Revision: 22-Apr-08
VS-VSK250PBF VISHAY-VS-VSK250PBF_V01 Datasheet
290Kb / 13P
   Standard Recovery Diodes (MAGN-A-PAK Power Modules), 250 A to 320 A
01-Jan-2022
VSKT320 VISHAY-VSKT320 Datasheet
328Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSK250 VISHAY-VSK250 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
12-Mar-12
VSKE270-20 VISHAY-VSKE270-20 Datasheet
330Kb / 13P
   Standard Recovery Diodes, 250 A to 320 A (MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
   Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Revision: 11-Aug-08
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKDL450 VISHAY-VSKDL450 Datasheet
196Kb / 8P
   Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Jun-08
VSKDL240 VISHAY-VSKDL240_14 Datasheet
330Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
VSKDL240 VISHAY-VSKDL240 Datasheet
333Kb / 12P
   Fast Recovery Diodes, 250 A (MAGN-A-PAK Power Modules)
Revision: 07-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com