Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKUV105 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VSKUV105
Description  Thyristor/Thyristor, 105 A (ADD-A-PAKTM Generation 5 Power Modules)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKUV105 Datasheet(HTML) 6 Page - Vishay Siliconix

  VSKUV105 Datasheet HTML 1Page - Vishay Siliconix VSKUV105 Datasheet HTML 2Page - Vishay Siliconix VSKUV105 Datasheet HTML 3Page - Vishay Siliconix VSKUV105 Datasheet HTML 4Page - Vishay Siliconix VSKUV105 Datasheet HTML 5Page - Vishay Siliconix VSKUV105 Datasheet HTML 6Page - Vishay Siliconix VSKUV105 Datasheet HTML 7Page - Vishay Siliconix VSKUV105 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94423
6
Revision: 24-Apr-08
VSKU/V105..PbF Series
Vishay High Power Products
Thyristor/Thyristor, 105 A
(ADD-A-PAKTM Generation 5 Power Modules)
Fig. 10 - Current Ratings Characteristics
Fig. 11 - Current Ratings Characteristics
Fig. 12 - Thermal Impedance ZthJC Characteristics
Fig. 13 - Gate Characteristics
100
200
300
400
500
600
700
10
20
30
40
50
60
70
80
90 100
100 A
50 A
Rate Of Fall Of On-state Current - di/ dt (A/ µs)
I
= 200 A
TM
20 A
10 A
VSK.105.. Series
T = 125 °C
J
20
40
60
80
100
120
140
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
100 A
50 A
I
= 200 A
TM
20 A
10 A
VSK.105.. Series
T = 125 °C
J
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
VSK.105.. Series
Per Junc tion
Steady State Value:
R
= 0.27 K/ W
(DC Operation)
thJC
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
(b )
(a)
(4)
(3) (2)
(1)
Instantaneous Gate Current (A)
a)Rec ommended load line for
b)Rec ommended load line for
VGD
IGD
Frequenc y Limited by PG(AV)
(1) PGM = 200 W, tp = 300 µs
(2) PGM = 60 W, tp = 1 ms
(3) PGM = 30 W, tp = 2 ms
(4) PGM = 12 W, tp = 5 ms
<= 30%rated di/ dt: 15 V, 40 ohms
tr = 1 µs, tp >= 6 µs
rated di/d t: 20 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
Rec tangular gate pulse
VSK.105.. Series


Similar Part No. - VSKUV105

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKUV41 VISHAY-VSKUV41 Datasheet
234Kb / 10P
   Thyristor/Thyristor, 45/60 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 25-Apr-08
More results

Similar Description - VSKUV105

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKT105 VISHAY-VSKT105 Datasheet
249Kb / 9P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 105 A
Revision: 04-Jul-08
VSKUV41 VISHAY-VSKUV41 Datasheet
234Kb / 10P
   Thyristor/Thyristor, 45/60 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 25-Apr-08
VSKT26 VISHAY-VSKT26 Datasheet
200Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 27 A
Revision: 22-Apr-08
VSKT71 VISHAY-VSKT71 Datasheet
278Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 75/95 A
Revision: 24-Apr-08
VSKT41 VISHAY-VSKT41 Datasheet
320Kb / 11P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
IRKT41 VISHAY-IRKT41 Datasheet
337Kb / 12P
   Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
Revision: 23-Apr-08
VSKU105 VISHAY-VSKU105_10 Datasheet
351Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKT105 VISHAY-VSKT105_10 Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com