Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ2225Y271 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ2225Y271
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ2225Y271 Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ2225Y271 Datasheet HTML 1Page - Vishay Siliconix VJ2225Y271 Datasheet HTML 2Page - Vishay Siliconix VJ2225Y271 Datasheet HTML 3Page - Vishay Siliconix VJ2225Y271 Datasheet HTML 4Page - Vishay Siliconix VJ2225Y271 Datasheet HTML 5Page - Vishay Siliconix VJ2225Y271 Datasheet HTML 6Page - Vishay Siliconix VJ2225Y271 Datasheet HTML 7Page - Vishay Siliconix VJ2225Y271 Datasheet HTML 8Page - Vishay Siliconix VJ2225Y271 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VJ OMD - X7R
Vishay Vitramon
Document Number: 45046
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 28-Oct-08
97
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
FEATURES
• Surface mountable, precious metal technology,
wet build process
• OMD-Cap (Open Mode Design) reduce the risk
of short or low IR because of board flex cracks
• Efficient low-power consumption, ripple current
capaple to 1.2 Arms at 100 kHz
• High Voltage breakdown compared to standard design
• Available with 100 % voltage condition, process code “5H”
(Is available for 630 V and lower.
Contact mlcc.specials@vishay.com for higher voltages.)
• Excellent reliability and thermal shock performance
• Available with polymer termination for increase resistance
to board flex cracking
• Protective surface coating of high voltage capacitors
maybe required to prevent surface arcing
APPLICATIONS
• Ideal for Power Supplies
Input filter capacitor
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 °C unless otherwise stated
Protective surface coating of high voltage capacitors maybe
required to prevent surface arcing. Input side filter.
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range: 100 pF to 1.8 µF
Voltage Rating: 16 Vdc to 3000 Vdc
Temperature Coefficient of Capacitance (TCC):
X7R: ± 15 % from - 55 °C to + 125 °C, with 0 Vdc applied
Dissipation Factor:
6.3 V, 10 V ratings: 5 % max. at 1.0 Vrms and 1 kHz
16 V, 25 V ratings: 3.5 % max. at 1.0 Vrms and 1 kHz
Š 50 V ratings: 2.5 % max. at 1.0 Vrms and 1 kHz
Aging Rate: 1 % maximum per decade
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 MW minimum or
1000 WF, whichever is less
At + 125 °C and rated voltage 10 000 MW minimum or
100 WF, whichever is less
Dielectric Withstanding Voltage (DWV):
This is the maximum voltage the capacitors are tested for a
1 to 5 second period and the charge/discharge current does
not exceed 50 mA
≤ 250 Vdc: DWV at 250 % of rated voltage
500 Vdc: DWV at 200 % of rated voltage
630 Vdc: DWV at 150 % of rated voltage
1000 Vdc: DWV at 150 % of rated voltage
1500 Vdc: DWV at 120 % of rated voltage
2000 Vdc: DWV at 120 % of rated voltage
3000 Vdc: DWV at 120 % of rated voltage


Similar Part No. - VJ2225Y271

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ2225Y272 VISHAY-VJ2225Y272 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
VJ2225Y273 VISHAY-VJ2225Y273 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
VJ2225Y274 VISHAY-VJ2225Y274 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
More results

Similar Description - VJ2225Y271

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
GAEDGESDMLCC VISHAY-GAEDGESDMLCC Datasheet
138Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Electro Static Discharge (ESD) Sensitive Automotive Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com