Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y09265R0000A9L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y09265R0000A9L
Description  Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y09265R0000A9L Datasheet(HTML) 3 Page - Vishay Siliconix

  Y09265R0000A9L Datasheet HTML 1Page - Vishay Siliconix Y09265R0000A9L Datasheet HTML 2Page - Vishay Siliconix Y09265R0000A9L Datasheet HTML 3Page - Vishay Siliconix Y09265R0000A9L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63012
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 05-Jul-07
3
VPR220, VPR221
Bulk Metal® Foil Technology Precision Foil Power
Resistors in TO-220 Configuration with TCR of ± 2 ppm/°C,
Tolerance of to ± 0.01 % and Power Rating to 8 W
Vishay Foil Resistors
Note
* For non-standard requests, please contact Application Engineering.
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y09265R00000Q9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0925 = VPR220
0926 = VPR221
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
L = Bulk Pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0926 5R00000 Q 9 L:
TYPE: VPR221
VALUE: 5.0
Ω
ABSOLUTE TOLERANCE: ± 0.02 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk
HISTORICAL PART NUMBER: VPR221T 5R0000 Q B (will continue to be used)
VPR221
T
5R0000
Q
B
MODEL
TERMINATION
OHMIC VALUE
RESISTANCE
TOLERANCE
PACKAGING
VPR220
VPR221
T = Lead (Pb)-free
None = Tin/Lead alloy
5.0
Ω
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
B = Bulk Pack
9265
00
0
R
Y0
Q9
0
L
0


Similar Part No. - Y09265R0000A9L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y090212K7560A0B VISHAY-Y090212K7560A0B Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Y090212K7560A9B VISHAY-Y090212K7560A9B Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Y090212K7560B0B VISHAY-Y090212K7560B0B Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Y090212K7560B9B VISHAY-Y090212K7560B9B Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Y090212K7560C0B VISHAY-Y090212K7560C0B Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
More results

Similar Description - Y09265R0000A9L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR220S VISHAY-VPR220S_08 Datasheet
133Kb / 5P
   Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
Revision: 29-Feb-08
VPR220Z VISHAY-VPR220Z Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
VPR220 VISHAY-VPR220 Datasheet
68Kb / 2P
   Precision Foil Power Resistors in TO 220 Configuration
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 06-Aug-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VFP-3 VISHAY-VFP-3 Datasheet
123Kb / 5P
   Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Revision: 29-Aug-07
VCS1610 VISHAY-VCS1610 Datasheet
141Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
Revision: 23-Jul-08
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com