Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8340102M3302JADSL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M8340102M3302JADSL
Description  Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M8340102M3302JADSL Datasheet(HTML) 2 Page - Vishay Siliconix

  M8340102M3302JADSL Datasheet HTML 1Page - Vishay Siliconix M8340102M3302JADSL Datasheet HTML 2Page - Vishay Siliconix M8340102M3302JADSL Datasheet HTML 3Page - Vishay Siliconix M8340102M3302JADSL Datasheet HTML 4Page - Vishay Siliconix M8340102M3302JADSL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 31516
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 08-Jul-08
2
MDM (Military M83401)
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified,
Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Vishay Dale
DIMENSIONS in inches [millimeters]
0.100 ± 0.010
[2.54 ± 0.254]
Non-Accumulative Tol.
"C" Spaces
A ± 0.010 [0.254]
0.075 ± 0.015
[1.91 ± 0.381]
B ± 0.010 [0.254]
0.018 ± 0.003
[0.457 ± 0.076]
0.050 ± 0.005
[1.27 ± 0.127]
TYP 0.030
[0.762]
0.130 + 0.015
- 0.005
[3.30 + 0.381
- 0.127]
0.120 ± 0.005
[3.05 ± 0.127]
Pin #1
Identification
Pin #1
0.290 Min.
0.320 Nom.
0.360 Max.
[7.37 Min.
8.13 Nom.
9.14 Max.]
0.010 + 0.005
- 0.002
[0.254 + 0.127
- 0.051]
0.250 ± 0.005
[6.35 ± 0.127]
0.310 ± 0.010
[7.87 ± 0.254]
VISHAY DALE MODEL
A
B
C
MDM14
0.750 [19.05]
0.600 [15.24]
6
MDM16
0.850 [21.59]
0.700 [17.78]
7
IMPEDANCE CODES
CODE
R1 (Ω)
R2 (Ω)
CODE
R1 (Ω)
R2 (Ω)
A001
82
130
A010
330
470
A002
120
200
A011
330
680
A003
130
210
A012
1.5K
3.3K
A004
160
260
A013
3K
6.2K
A005
180
240
A014
180
270
A006
180
390
A015
270
270
A007
220
270
A016
560
560
A008
220
330
A017
560
1.2K
A009
330
390
A018
620
2.7K
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
MDM SERIES
Maximum Operating Voltage
VDC
100
Voltage Coefficient of Resistance
Veff
< 50 ppm
Dielectric Strength
VAC
200 per min.
Insulation Resistance
Ω
10 000 M
Operating Temperature Range
°C
- 55 to + 125
Storage Temperature Range
°C
- 55 to + 150
MECHANICAL SPECIFICATIONS
Marking Resistance to Solvents
Permanency testing per MIL-PRF-83401
Solderability
Per MIL-PRF-83401
Body
Molded epoxy
Terminals
Copper alloy, hot-solder dipped


Similar Part No. - M8340102M3302JADSL

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
M8340102M1001BA IRCTT-M8340102M1001BA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340102M1001BB IRCTT-M8340102M1001BB Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340102M1001DA IRCTT-M8340102M1001DA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340102M1001DB IRCTT-M8340102M1001DB Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340102M1001FA IRCTT-M8340102M1001FA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
More results

Similar Description - M8340102M3302JADSL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
DFM VISHAY-DFM Datasheet
128Kb / 5P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15)
Revision: 08-Jul-08
M8340109K2201GCD03 VISHAY-M8340109K2201GCD03 Datasheet
98Kb / 6P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ040 to RZ090, Single-In-Line, Molded SIP
Revision: 26-Feb-13
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
   Thick Film, Dual-in-Line Resistor Networks
Revision: 21-Aug-06
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
   Dual-In-Line Thick Film Resistor Networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com