Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y09255K0000Q9L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y09255K0000Q9L
Description  Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y09255K0000Q9L Datasheet(HTML) 1 Page - Vishay Siliconix

  Y09255K0000Q9L Datasheet HTML 1Page - Vishay Siliconix Y09255K0000Q9L Datasheet HTML 2Page - Vishay Siliconix Y09255K0000Q9L Datasheet HTML 3Page - Vishay Siliconix Y09255K0000Q9L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63012
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 05-Jul-07
1
VPR220, VPR221
Vishay Foil Resistors
Bulk Metal® Foil Technology Precision Foil Power Resistors
in TO-220 Configuration with TCR of ± 2 ppm/°C,
Tolerance of to ± 0.01 % and Power Rating to 8 W
Any value at any tolerance within resistance range
Models VPR220 AND VPR221, made from Vishay Bulk
Metal® Foil, offer low TCR, high stability, tight tolerance and
fast response time in a small, molded resistor. Model
VPR220 is a 2 lead device. Model VPR221 is a 4 lead Kelvin
connected
device.
The
4
leaded
version
is
highly
recommended for precision applications requiring ohmic
values of 100R or less.
weight = 1 g maximum
Notes
1. Lower or high values available upon request
2. - 55 °C to + 125 °C, + 25 °C Ref.
weight = 1.2 g maximum
Notes
1. Lower or high values available upon request
2. - 55 °C to + 125 °C, + 25 °C Ref.
FEATURES
• Temperature Coefficient of Resistance (TCR):
± 2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C Ref.)
• Tolerance: to ± 0.01 % (see tables 1 and 2)
• Electrostatic Discharge (ESD): above 25 000 V
• Load Life Stability: ± 0.005 % (25 °C, 2000 hours at Rated
Power)
• Resistance Range: 0.5 Ω to 10 kΩ
• Power Rating: 8 W chassis mounted (per MIL-PRF-39009)
• Non Inductive, Non Capacitive Design
• Rise Time: 1 ns without ringing
• Current Noise: < - 40 dB
• Voltage Coefficient: < 0.1 ppm/V
• Non Inductive: < 0.08 µH
• Non Hot Spot design
• Thermal EMF: 0.05 µV/°C typical
• Terminal Finishes Available:
Lead (Pb)-free
Tin/Lead Alloy
• Any value available within resistance range (e.g. 1K234)
• Prototype samples available from 48 hours. For more
information, please contact foil@vishay.com
• For better performances, please see VPR220Z and VPR221Z
datasheets
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - VPR220
RESISTANCE
RANGE (
Ω)1)
TIGHTEST
TOLERANCE
TYPICAL
TCR2)
MAXIMUM
TCR2)
50 to 10K
± 0.01 %
± 2
± 5 ppm/°C
25 to < 50
± 0.02 %
± 2
± 7 ppm/°C
10 to < 25
± 0.05 %
± 2
± 10 ppm/°C
5 to < 10
± 0.1 %
± 2
± 13 ppm/°C
TABLE 2 - VPR221
RESISTANCE
RANGE (
Ω)1)
TIGHTEST
TOLERANCE
TYPICAL
TCR2)
MAXIMUM
TCR2)
10 to < 500
± 0.01 %
± 2
± 5 ppm/°C
1 to < 10
± 0.02 %
± 2
± 5 ppm/°C
0.5 to < 1
± 0.05 %
± 2
± 5 ppm/°C
FIGURE 1 - POWER DERATING CURVE
Available
Pb-free
RoHS*
COMPLIANT
I
1
E
1
E
2
I
2
R
V
I
I
Ambient Temperature (°C)
+ 150
+ 125
+ 100
+ 75
+ 50
+ 25
0
- 25
- 50
+ 100
+ 75
+ 50
+ 25
0
- 55 °C


Similar Part No. - Y09255K0000Q9L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y090212K7560A0B VISHAY-Y090212K7560A0B Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Y090212K7560A9B VISHAY-Y090212K7560A9B Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Y090212K7560B0B VISHAY-Y090212K7560B0B Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Y090212K7560B9B VISHAY-Y090212K7560B9B Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
Y090212K7560C0B VISHAY-Y090212K7560C0B Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
More results

Similar Description - Y09255K0000Q9L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR220S VISHAY-VPR220S_08 Datasheet
133Kb / 5P
   Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
Revision: 29-Feb-08
VPR220Z VISHAY-VPR220Z Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
VPR220 VISHAY-VPR220 Datasheet
68Kb / 2P
   Precision Foil Power Resistors in TO 220 Configuration
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 06-Aug-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VFP-3 VISHAY-VFP-3 Datasheet
123Kb / 5P
   Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Revision: 29-Aug-07
VCS1610 VISHAY-VCS1610 Datasheet
141Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
Revision: 23-Jul-08
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com