Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG04-11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZG04-11
Description  Zener Diodes with Surge Current Specification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZG04-11 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZG04-11 Datasheet HTML 1Page - Vishay Siliconix BZG04-11 Datasheet HTML 2Page - Vishay Siliconix BZG04-11 Datasheet HTML 3Page - Vishay Siliconix BZG04-11 Datasheet HTML 4Page - Vishay Siliconix BZG04-11 Datasheet HTML 5Page - Vishay Siliconix BZG04-11 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85594
Rev. 2.2, 15-Sep-05
BZG04-Series
Vishay Semiconductors
Electrical Characteristics
*) 10/1000
µs pulse
Partnumber
Standoff Voltage
Breakdown Voltage
TKVZ @ IR
Clamping Voltage
Junction
Capacitance
VR
IR
V(BR) @ IR
VCL(R) @
IPP
@ IZT
Cj @
VR = 0 V,
f = 1 MHz
V
µA
V
mA
%/K
V *)
A *)
pF
max
min
typ
max
max
typ
BZG04-8V2
8.2
20
9.4
50
0.05
0.09
14.8
20.3
1200
BZG04-9V1
9.1
5
10.4
50
0.05
0.1
15.7
19.1
1100
BZG04-10
10
5
11.4
50
0.05
0.1
17
17.7
1000
BZG04-11
11
5
12.4
50
0.05
0.1
18.9
15.9
850
BZG04-12
12
5
13.8
50
0.05
0.1
20.9
14.4
815
BZG04-13
13
5
15.3
25
0.06
0.11
22.9
13.1
785
BZG04-15
15
5
16.8
25
0.06
0.11
25.6
11.7
710
BZG04-16
16
5
18.8
25
0.06
0.11
28.4
10.6
655
BZG04-18
18
5
20.8
25
0.06
0.11
31
9.7
610
BZG04-20
20
5
22.8
25
0.06
0.11
33.8
8.9
570
BZG04-22
22
5
25.1
25
0.06
0.11
38.1
7.9
545
BZG04-24
24
5
28
25
0.06
0.11
42.2
7.1
505
BZG04-27
27
5
31
25
0.06
0.11
46.2
6.5
475
BZG04-30
30
5
34
10
0.06
0.11
50.1
6.0
450
BZG04-33
33
5
37
10
0.06
0.11
54.1
5.5
420
BZG04-36
36
5
40
10
0.07
0.12
60.7
4.9
390
BZG04-39
39
5
44
10
0.07
0.12
65.5
4.6
370
BZG04-43
43
5
48
10
0.07
0.12
70.8
4.2
350
BZG04-47
47
5
52
10
0.07
0.12
78.6
3.8
330
BZG04-51
51
5
58
10
0.08
0.13
86.5
3.5
310
BZG04-56
56
5
64
10
0.08
0.13
94.4
3.2
291
BZG04-62
62
5
70
10
0.08
0.13
103.5
2.9
280
BZG04-68
68
5
77
10
0.08
0.13
114
2.6
275
BZG04-75
75
5
85
5
0.09
0.13
126
2.4
260
BZG04-82
82
5
94
5
0.09
0.13
139
2.2
250
BZG04-91
91
5
104
5
0.09
0.13
152
2.0
243
BZG04-100
100
5
114
5
0.09
0.13
167
1.8
170
BZG04-110
110
5
124
5
0.09
0.13
185
1.6
153
BZG04-120
120
5
138
5
0.09
0.13
204
1.5
150
BZG04-130
130
5
153
5
0.09
0.13
224
1.3
145
BZG04-150
150
5
168
5
0.09
0.13
249
1.2
140
BZG04-160
160
5
188
5
0.09
0.13
276
1.1
135
BZG04-180
180
5
208
2
0.09
0.13
305
1.0
131
BZG04-200
200
5
228
2
0.09
0.13
336
0.9
122
BZG04-220
220
5
251
2
0.09
0.13
380
0.8
120


Similar Part No. - BZG04-11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04-11 PHILIPS-BZG04-11 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Vishay Siliconix
BZG04-11 VISHAY-BZG04-11 Datasheet
83Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 2.4, 29-Nov-11
logo
Shenzhen Luguang Electr...
BZG04-11 LUGUANG-BZG04-11 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
BZG04-11 LUGUANG-BZG04-11 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
logo
Vishay Siliconix
BZG04-11 VISHAY-BZG04-11 Datasheet
87Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 2.5, 23-Apr-14
More results

Similar Description - BZG04-11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com