Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P11A1Q0EASY00103MA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # P11A1Q0EASY00103MA
Description  12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11A1Q0EASY00103MA Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button P11A1Q0EASY00103MA Datasheet HTML 2Page - Vishay Siliconix P11A1Q0EASY00103MA Datasheet HTML 3Page - Vishay Siliconix P11A1Q0EASY00103MA Datasheet HTML 4Page - Vishay Siliconix P11A1Q0EASY00103MA Datasheet HTML 5Page - Vishay Siliconix P11A1Q0EASY00103MA Datasheet HTML 6Page - Vishay Siliconix P11A1Q0EASY00103MA Datasheet HTML 7Page - Vishay Siliconix P11A1Q0EASY00103MA Datasheet HTML 8Page - Vishay Siliconix P11A1Q0EASY00103MA Datasheet HTML 9Page - Vishay Siliconix P11A1Q0EASY00103MA Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Document Number: 51031
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 16-Jun-08
6
P11
12.5 mm Modular Panel Potentiometers
Cermet (P11S) or Conductive Plastic Elements (P11A)
Vishay Sfernice
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL
STYLE
NUMBER
OF
MODULES
BUSHING
LOCATING
PEG
SHAFT
SHAFT
STYLE
LEADS
RESISTANCE CODE/
TOLERANCE/
TAPER OR SPECIAL
Ø
L
Old Codes
S =
Slotted
AA
3
9.5
K
R =
Round
AB
3
12.5
M
F =
Flatted
AJ
3
22
R
K =
Knurled/
splined
AP = Custom shaft
BA 1/8" 3/8"
CK
D =
Custom
BB 1/8" 1/2"
CM
BG 1/8" 5/8"
CDM
BG 1/8" 5/8"
CD
BH 1/8" 3/4"
CH
BJ 1/8" 7/8"
CR
CC = Concentric shaft
EA
4
9.5
E
EB
4
12.5
F
EJ
4
22
G
FG
6
16
D
FH
6
19
I
FL
6
25
N
FR
6
50
S
GG 1/4" 5/8"
VD
GH 1/4" 3/4" VHM, VH
GJ 1/4" 7/8"
VR
GL 1/4" 1"
VN
GO 1/4" 1.5"
VL
SHAFTS
The shaft length are always measured from the mounting face.
Standard shafts are designed by a 3 letter code (3 digits). Shafts
slots are aligned to ± 10° of the wiper position.
All standard shafts are slotted except flatted and splined, see
exeptions for bushing.
BUSHING: Q
SPLINED SHAFT: FHK
FLATTED SHAFT
CUSTOM SHAFTS
When special shafts are required - flat, threated ends, special
shaft lengths, etc. a drawing is required.
STANDARD COMBINATION OF SHAFT STYLES AND BUSHINGS
SHAFT DIA.
BUSHING’ CODE
SHAFT LENGTH AND STYLE AVAILABLE IN STANDARD (Others on request)
3
T
AAS
ABS
AJS
3.17
A
BAS
BBS
BGS
BGF
BHS
BJS
3.17
B
BBS
BGS
BHS
BJS
3.17
C
BGS
BHS
BJS
4
Q
EAS
EBS
EJS
FHK
6
V
FGS
FLS
FRS
6.35
F
GGS
GHS
GJS
GLS
GOS
GHF
Ø 7
Ø 6
19
19.1
8 ± 0.5
Ø 6.35
+ 0
- 0.05
BUSHING:
F
SHAFT:
GHF
BUSHING:
A
SHAFT:
BGF
15.9
8 ± 0.5
0.3 at 45°
2Q0
E
A
S
Y
0
0
M
1
P
S
1
013
A


Similar Part No. - P11A1Q0EASY00103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P11A1Q0EASY00103MA VISHAY-P11A1Q0EASY00103MA Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
P11A1Q0EASY00103MA VISHAY-P11A1Q0EASY00103MA Datasheet
228Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
01-Jan-2022
More results

Similar Description - P11A1Q0EASY00103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P11S VISHAY-P11S_V01 Datasheet
228Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
01-Jan-2022
P11S VISHAY-P11S Datasheet
240Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Aug-13
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
248 VISHAY-248 Datasheet
97Kb / 3P
   1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
Revision: 02-Jul-07
148 VISHAY-148 Datasheet
116Kb / 4P
   1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
Revision: 31-Jul-06
248 VISHAY-248_V01 Datasheet
82Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
01-Jan-2022
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision: 29-Jun-06
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision 15-Apr-02
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
01-Jan-2022
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
Revision: 03-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com