Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH615A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH615A
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615A Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH615A_08 Datasheet HTML 1Page - Vishay Siliconix SFH615A_08 Datasheet HTML 2Page - Vishay Siliconix SFH615A_08 Datasheet HTML 3Page - Vishay Siliconix SFH615A_08 Datasheet HTML 4Page - Vishay Siliconix SFH615A_08 Datasheet HTML 5Page - Vishay Siliconix SFH615A_08 Datasheet HTML 6Page - Vishay Siliconix SFH615A_08 Datasheet HTML 7Page - Vishay Siliconix SFH615A_08 Datasheet HTML 8Page - Vishay Siliconix SFH615A_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83671
Rev. 2.0, 06-Sep-06
SFH615A/SFH6156
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6.0
V
DC Forward current
IF
60
mA
Surge forward current
tp ≤ 10 µs
IFSM
2.5
A
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter voltage
VCE
70
V
Emitter-collector voltage
VCEO
7.0
V
Collector current
IC
50
mA
tp ≤ 1.0 ms
IC
100
mA
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage (between
emitter and detector, refered to
climate DIN 40046, part 2,
Nov. 74
t = 1.0 s
VISO
5300
VRMS
Creepage
≥ 7.0
mm
Clearance
≥ 7.0
mm
Insulation thickness between
emitter and detector
≥ 0.4
mm
Comparative tracking index per
DIN IEC 112/VDE 0303, part 1
≥ 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature
max. 10 s, Dip soldering
distance to seating plane
≥ 1.5 mm
Tsld
260
°C
0
50
100
150
200
0
25
50
75
100
125
150
18483
Phototransistor
Diode
Tamb - Ambient Temperature (°C)
Figure 1. Permissible Power Dissipation vs. Ambient Temperature


Similar Part No. - SFH615A_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH615A-1 ETC-SFH615A-1 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Infineon Technologies A...
SFH615A-1 INFINEON-SFH615A-1 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
ISOCOM COMPONENTS
SFH615A-1 ISOCOM-SFH615A-1 Datasheet
429Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Vishay Siliconix
SFH615A-1 VISHAY-SFH615A-1 Datasheet
155Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.2, 12-Oct-12
logo
ISOCOM COMPONENTS
SFH615A-1 ISOCOM-SFH615A-1 Datasheet
126Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - SFH615A_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com