Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C5V6-V Datasheet(PDF) 8 Page - Vishay Siliconix

Part # BZT52C5V6-V
Description  Small Signal Zener Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT52C5V6-V Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button BZT52C5V6-V Datasheet HTML 2Page - Vishay Siliconix BZT52C5V6-V Datasheet HTML 3Page - Vishay Siliconix BZT52C5V6-V Datasheet HTML 4Page - Vishay Siliconix BZT52C5V6-V Datasheet HTML 5Page - Vishay Siliconix BZT52C5V6-V Datasheet HTML 6Page - Vishay Siliconix BZT52C5V6-V Datasheet HTML 7Page - Vishay Siliconix BZT52C5V6-V Datasheet HTML 8Page - Vishay Siliconix BZT52C5V6-V Datasheet HTML 9Page - Vishay Siliconix BZT52C5V6-V Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
8
Document Number 85760
Rev. 1.5, 21-Apr-05
BZT52-V-Series
Vishay Semiconductors
Package Dimensions in mm (Inches)
Figure 18. Breakdown Characteristics
18157
Cathode Band
17432
0.55 (0.022)
1.70 (0.067)
1.40 (0.055)
0.1 (0.004) max.
1.35 (0.053) max.
0.25 (0.010) min.
0.15 (0.006) max.
1.40 (0.055)
ISO Method E
Mounting Pad Layout
0.72 (0.028)


Similar Part No. - BZT52C5V6-V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C5V6-7 DIODES-BZT52C5V6-7 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
BZT52C5V6-7-F DIODES-BZT52C5V6-7-F Datasheet
89Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 28 - 2
logo
TAITRON Components Inco...
BZT52C5V6-F TAITRON-BZT52C5V6-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
logo
Taiwan Semiconductor Co...
BZT52C5V6-G TSC-BZT52C5V6-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
logo
Micro Commercial Compon...
BZT52C5V6-TP MCC-BZT52C5V6-TP Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
More results

Similar Description - BZT52C5V6-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com