Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZM55C8V2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZM55C8V2
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZM55C8V2 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZM55C8V2 Datasheet HTML 1Page - Vishay Siliconix BZM55C8V2 Datasheet HTML 2Page - Vishay Siliconix BZM55C8V2 Datasheet HTML 3Page - Vishay Siliconix BZM55C8V2 Datasheet HTML 4Page - Vishay Siliconix BZM55C8V2 Datasheet HTML 5Page - Vishay Siliconix BZM55C8V2 Datasheet HTML 6Page - Vishay Siliconix BZM55C8V2 Datasheet HTML 7Page - Vishay Siliconix BZM55C8V2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BZM55-Series
Document Number 85597
Rev. 1.9, 10-Mar-06
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
BZM55B..
1) t
p ≤ 10 ms, T/tp > 1000
*) Additionnal measurement of Voltage group 9V1 to 75 at 95 % V
zmin ≤ 35 nA at Tj 25 °C
Partnumber
Zener Voltage
Range1)
Dynamic
Resistance
Test
Current
Temperature
Coefficient
Test
Current
Reverse Leakage Current
VZ at IZT
rzjT at
IZT,
f = 1kHz
rzjK at
IZK,
f = 1kHz
IZT
TKVZ
IZK
IR at
Tamb =
25 °C
IR at
Tamb =
150 °C
at VR
V
Ω
mA
%/K
mA
µA
V
min
max
min
max
BZM55B2V4
2.35
2.45
< 85
< 600
5
- 0.09
- 0.06
1
< 50
< 100
1
BZM55B2V7
2.64
2.76
< 85
< 600
5
- 0.09
- 0.06
1
< 10
< 50
1
BZM55B3V0
2.94
3.06
< 90
< 600
5
- 0.08
- 0.05
1
< 4
< 40
1
BZM55B3V3
3.24
3.36
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZM55B3V6
3.52
3.68
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZM55B3V9
3.82
3.98
< 90
< 600
5
- 0.08
- 0.05
1
< 2
< 40
1
BZM55B4V3
4.22
4.38
< 90
< 600
5
- 0.06
- 0.03
1
< 1
< 20
1
BZM55B4V7
4.6
4.80
< 80
< 600
5
- 0.05
0.02
1
< 0.5
< 10
1
BZM55B5V1
5
5.20
< 60
< 550
5
- 0.02
0.02
1
< 0.1
< 2
1
BZM55B5V6
5.48
5.72
< 40
< 450
5
- 0.05
0.05
1
< 0.1
< 2
1
BZM55B6V2
6.08
6.32
< 10
< 200
5
0.03
0.06
1
< 0.1
< 2
2
BZM55B6V8
6.66
6.94
< 8
< 150
5
0.03
0.07
1
< 0.1
< 2
3
BZM55B7V5
7.35
7.65
< 7
< 50
5
0.03
0.07
1
< 0.1
< 2
5
BZM55B8V2
8.04
8.36
< 7
< 50
5
0.03
0.08
1
< 0.1
< 2
6.2
BZM55B9V1 *
8.92
9.28
< 10
< 50
5
0.03
0.09
1
< 0.1
< 2
6.8
BZM55B10 *
9.8
10.20
< 15
< 70
5
0.03
0.1
1
< 0.1
< 2
7.5
BZM55B11 *
10.78
11.22
< 20
< 70
5
0.03
0.11
1
< 0.1
< 2
8.2
BZM55B12 *
11.76
12.24
< 20
< 90
5
0.03
0.11
1
< 0.1
< 2
9.1
BZM55B13 *
12.74
13.26
< 26
< 110
5
0.03
0.11
1
< 0.1
< 2
10
BZM55B15 *
14.7
15.30
< 30
< 110
5
0.03
0.11
1
< 0.1
< 2
11
BZM55B16 *
15.7
16.30
< 40
< 170
5
0.03
0.11
1
< 0.1
< 2
12
BZM55B18 *
17.64
18.36
< 50
< 170
5
0.03
0.11
1
< 0.1
< 2
13
BZM55B20 *
19.6
20.40
< 55
< 220
5
0.03
0.11
1
< 0.1
< 2
15
BZM55B22 *
21.55
22.45
< 55
< 220
5
0.04
0.12
1
< 0.1
< 2
16
BZM55B24 *
23.5
24.5
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
18
BZM55B27 *
26.4
27.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
20
BZM55B30 *
29.4
30.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
22
BZM55B33 *
32.4
33.6
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
24
BZM55B36 *
35.3
36.7
< 80
< 220
5
0.04
0.12
1
< 0.1
< 2
27
BZM55B39 *
38.2
39.8
< 90
< 500
2.5
0.04
0.12
1
< 0.1
< 5
30
BZM55B43 *
42.1
43.9
< 90
< 600
2.5
0.04
0.12
0.5
< 0.1
< 5
33
BZM55B47 *
46.1
47.9
< 110
< 700
2.5
0.04
0.12
0.5
< 0.1
< 5
36
BZM55B51 *
50
52.0
< 125
< 700
2.5
0.04
0.12
0.5
< 0.1
< 10
39
BZM55B56 *
54.9
57.1
< 135
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
43
BZM55B62 *
60.8
63.2
< 150
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
47
BZM55B68 *
66.6
69.4
< 200
< 1000
2.5
0.04
0.12
0.5
< 0.1
< 10
51
BZM55C75 *
73.5
76.5
< 250
< 1500
2.5
0.04
0.12
0.5
< 0.1
< 10
56


Similar Part No. - BZM55C8V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55C8V2 VISHAY-BZM55C8V2 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Continental Device Indi...
BZM55C8V2 CDIL-BZM55C8V2 Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Weitron Technology
BZM55C8V2 WEITRON-BZM55C8V2 Datasheet
305Kb / 5P
   Surface Mount Zener Diodes
logo
Rectron Semiconductor
BZM55C8V2 RECTRON-BZM55C8V2 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
Weitron Technology
BZM55C8V2 WEITRON-BZM55C8V2 Datasheet
2Mb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - BZM55C8V2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com