Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P11A6Q0EASY00103MA Datasheet(PDF) 9 Page - Vishay Siliconix

Part # P11A6Q0EASY00103MA
Description  12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11A6Q0EASY00103MA Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button P11A6Q0EASY00103MA Datasheet HTML 5Page - Vishay Siliconix P11A6Q0EASY00103MA Datasheet HTML 6Page - Vishay Siliconix P11A6Q0EASY00103MA Datasheet HTML 7Page - Vishay Siliconix P11A6Q0EASY00103MA Datasheet HTML 8Page - Vishay Siliconix P11A6Q0EASY00103MA Datasheet HTML 9Page - Vishay Siliconix P11A6Q0EASY00103MA Datasheet HTML 10Page - Vishay Siliconix P11A6Q0EASY00103MA Datasheet HTML 11Page - Vishay Siliconix P11A6Q0EASY00103MA Datasheet HTML 12Page - Vishay Siliconix P11A6Q0EASY00103MA Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51031
9
Revision: 16-Jun-08
P11
Vishay Sfernice
12.5 mm Modular Panel Potentiometers
Cermet (P11S) or Conductive Plastic Elements (P11A)
P11 OPTION: ROTARY SWITCH MODULES
• Rotary switchs
• Current up to 2 A
• Actuation CW or CCW position
MODULES: RS ON/OFF SWITCH
RSI CHANGEOVER SWITCH
The position of each module is free.
RS and RSI rotary switches are housed in a standard P11 module
size 12.7 x 12.7 x 5.08 mm (0.5" x 0.5" x 0.2"). They have the
same terminal styles as the assembled electrical modules.
An assembly can comprise 1 or more switch modules.
Switch actuation is described as seen from the shaft end.
D:means actuation in maximum CCW position
F:means actuation in maximum CW position
The switch actuation travel is 25° with a total mechanical travel of
300° ± 5° and electrical travel of electrical module is 238° ± 10°.
RDS SINGLE POLE SWITCH, NORMALLY OPEN
In full CCW position, the contact between 1 and 3 is open. It is
made at the beginning of the travel in CW direction.
RSF SINGLE POLE SWITCH, NORMALLY OPEN
In full CW position, the contact between 1 and 3 is open. It is
made at the beginning of the travel in CCW direction.
RSID SINGLE POLE CHANGEOVER
In full CCW position, the contact is made between 3 and 2 and
open between 3 and 1. Switch actuation (CW direction) reverses
these positions.
RSIF SINGLE POLE CHANGEOVER
In full CW position, the contact is made between 1 and 2 and
open between 1 and 3. Switch actuation (CCW direction)
reverses these positions.
SWITCH SPECIFICATIONS
Switching Power Maximum
62.5 VA
ν
15 VA =
Switching Current Maximum
0.25 A 250 V
ν
0.5 A 30 V =
Maximum Current Through Element
2 A
Contact Resistance
30 m
Ω
Dielectric
Strength
Terminal to Terminal
1000 VRMS
Terminal to Bushing
2000 VRMS
Maximum Voltage Operation
250 V
ν
30 V =
Insulation Resistance Between Contacts
106 M
Ω
Life at Pmax.
10 000 actuations
Minimal Travel
25°
Operating Temperature
- 40 °C to + 85 °C
ELECTRICAL DIAGRAM
Note:
• Common
ORDERING INFORMATION (First order only)
RSD
SPST: Single pole, open switch in CCW position - 2 pins
RSF
SPST: Single pole, open switch in CW position - 2 pins
RSID
SPDT: Single pole, changeover switch in CCW position - 3 pins
RSIF
SPDT: Single pole, changeover switch in CW position - 3 pins
RSIF
CW POSITION
1*
3
2
RSID
CCW POSITION
1
3*
2
RSD
RSF
13
RSID


Similar Part No. - P11A6Q0EASY00103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P11A6Q0EASY00103MA VISHAY-P11A6Q0EASY00103MA Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
P11A6Q0EASY00103MA VISHAY-P11A6Q0EASY00103MA Datasheet
228Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
01-Jan-2022
More results

Similar Description - P11A6Q0EASY00103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P11S VISHAY-P11S_V01 Datasheet
228Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
01-Jan-2022
P11S VISHAY-P11S Datasheet
240Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Aug-13
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
248 VISHAY-248 Datasheet
97Kb / 3P
   1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
Revision: 02-Jul-07
148 VISHAY-148 Datasheet
116Kb / 4P
   1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
Revision: 31-Jul-06
248 VISHAY-248_V01 Datasheet
82Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
01-Jan-2022
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision: 29-Jun-06
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision 15-Apr-02
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
01-Jan-2022
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
Revision: 03-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com