Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1825Y153 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ1825Y153
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1825Y153 Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ1825Y153 Datasheet HTML 1Page - Vishay Siliconix VJ1825Y153 Datasheet HTML 2Page - Vishay Siliconix VJ1825Y153 Datasheet HTML 3Page - Vishay Siliconix VJ1825Y153 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Multilayer Ceramic Chip Capacitors
for Power Supply Applications
VJ RuGGed Chip
Vishay Vitramon
Document Number: 45032
For technical questions contact mlcc.specials@vishay.com
www.vishay.com
Revision: 29-Sep-08
71
Not for New Designs
Product Discontinuation
FEATURES
• Rugged, surface-mountable, multilayer ceramic
capacitors, made with Advanced X7R dielectric
• Efficient low-power consumption, ripple current
capable to 1.2 Arms at 100 kHz
• High voltage breakdown compared to standard design
• Excellent reliability and thermal shock performance
• Surface
mount,
precious
metal
technology,
wet build process
APPLICATIONS
• Ideal for power supplies
• For input/output filters
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 °C unless otherwise specified
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range: 1000 pF to 1.8 µF
Voltage Rating: 50 Vdc to 630 Vdc
Temperature Coefficient of Capacitance (TCC):
X7R: ± 15 % from - 55 °C to + 125 °C, with 0 Vdc applied
Aging Rate: 1 % maximum per decade
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
Ω minimum or
1000
ΩF, whichever is less
Dielectric Withstanding Voltage (DWV):
This is the maximum voltage the capacitors are tested for a
1 to 5 second period and the charge/discharge current does
not exceed 50 mA
≤ 250 Vdc: DWV at 250 % of rated voltage
500 Vdc: DWV at 200 % of rated voltage
630 Vdc: DWV at 150 % of rated voltage
Note:
(1) DC voltage rating should not be exceeded in application
RoHS
COMPLIANT
DIMENSIONS in inches [millimeters]
PART
ORDERING
NUMBER
LENGTH (L)
WIDTH (W)
MAXIMUM
THICKNESS (T)
TERMINATION PAD (P)
MINIMUM
MAXIMUM
VJ1206
0.126 ± 0.008 [3.20 ± 0.20]
0.063 ± 0.008 [1.60 ± 0.20]
0.067 [1.70]
0.010 [0.25]
0.030 [0.76]
VJ1210
0.126 ± 0.008 [3.20 ± 0.20]
0.098 ± 0.008 [2.50 ± 0.20]
0.067 [1.70]
0.010 [0.25]
0.030 [0.76]
VJ1812
0.177 ± 0.010 [4.50 ± 0.25]
0.126 ± 0.008 [3.20 ± 0.20]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ1825
0.177 ± 0.010 [4.50 ± 0.25]
0.252 ± 0.010 [6.40 ± 0.25]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ2220
0.228 ± 0.008 [5.79 ± 0.20]
0.197 ± 0.008 [5.00 ± 0.20]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ2225
0.220 ± 0.010 [5.59 ± 0.25]
0.262 ± 0.010 [6.65 ± 0.25]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
L
W
T
(MAX.)
P
ORDERING INFORMATION
VJ1812
Y
824
K
X
B
A
T
3E
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
PROCESS
CODE
1206
1210
1812
1825
2220
2225
Y = X7R
Expressed in
picofarads (pF).
The first two digits
are significant, the
third is a multiplier.
Examples:
824 = 820 000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
X = Ni barrier
100 % tin
plated
F = AgPd
A = 50 V
B = 100 V
C = 200 V
P = 250 V
E = 500 V
L = 630 V
A = Unmarked
T = 7" reel/
plastic tape
3E = RuGGed


Similar Part No. - VJ1825Y153

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1825Y153 VISHAY-VJ1825Y153 Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
More results

Similar Description - VJ1825Y153

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com