Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH617A-2X009 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SFH617A-2X009
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH617A-2X009 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SFH617A-2X009 Datasheet HTML 2Page - Vishay Siliconix SFH617A-2X009 Datasheet HTML 3Page - Vishay Siliconix SFH617A-2X009 Datasheet HTML 4Page - Vishay Siliconix SFH617A-2X009 Datasheet HTML 5Page - Vishay Siliconix SFH617A-2X009 Datasheet HTML 6Page - Vishay Siliconix SFH617A-2X009 Datasheet HTML 7Page - Vishay Siliconix SFH617A-2X009 Datasheet HTML 8Page - Vishay Siliconix SFH617A-2X009 Datasheet HTML 9Page - Vishay Siliconix SFH617A-2X009 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83740
8
Rev. 1.7, 25-Jan-07
SFH617A
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS, 110 °C Rated
PACKAGE DIMENSIONS in inches (millimeters)
i178027
0.255 (6.48)
0.268 (6.81)
1
2
4
3
0.179 (4.55)
0.190 (4.83)
Pin one ID
0.030 (0.76)
0.045 (1.14)
typ.
0.100 (2.54)
0.130 (3.30)
0.150 (3.81)
0.020 (0.508)
0.035 (0.89)
10°
3° to 9°
0.018 (0.46)
0.022 (0.56)
0.008 (0.20)
0.012 (0.30)
0.031 (0.79) typ.
0.050 (1.27) typ.
0.300 (7.62) typ.
0.110 (2.79)
0.130 (3.30)
0.230 (5.84)
0.250 (6.35)
0.050 (1.27)
ISO method A
min.
0.315 (8.00)
0.020 (0.51 )
0.040 (1.02 )
0.300 (7.62)
ref.
0.375 (9.53)
0.395 (10.03 )
0.012 (0.30 ) typ.
0.0040 (0.102)
0.0098 (0.249)
15° max.
Option 9
0.014 (0.35)
0.010 (0.25)
0.400 (10.16)
0.430 (10.92)
0.307 (7.8)
0.291 (7.4)
0.407 (10.36)
0.391 (9.96)
Option 6
0.315 (8.0)
min.
0.300 (7.62)
typ.
0.180 (4.6)
0.160 (4.1)
0.331 (8.4)
min.
0.406 (10.3)
max.
0.028 (0.7)
min.
Option 7
18450


Similar Part No. - SFH617A-2X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH617A-2X009 VISHAY-SFH617A-2X009 Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH617A-2X009T VISHAY-SFH617A-2X009T Datasheet
172Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability
Rev. 2.4, 31-Aug-15
SFH617A-2X009T VISHAY-SFH617A-2X009T Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
More results

Similar Description - SFH617A-2X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com