Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P11A7Q0EASY00103MA Datasheet(PDF) 10 Page - Vishay Siliconix

Part # P11A7Q0EASY00103MA
Description  12.5 mm Modular Panel Potentiometers Cermet (P11S) or Conductive Plastic Elements (P11A)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11A7Q0EASY00103MA Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button P11A7Q0EASY00103MA Datasheet HTML 6Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 7Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 8Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 9Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 10Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 11Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 12Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 13Page - Vishay Siliconix P11A7Q0EASY00103MA Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Document Number: 51031
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 16-Jun-08
10
P11
12.5 mm Modular Panel Potentiometers
Cermet (P11S) or Conductive Plastic Elements (P11A)
Vishay Sfernice
P11 OPTION: PUSH/PUSH OR MOMENTARY/PUSH SWITCH MODULES
• Push/push or momentary push
• Current up to 2 A
MODULES: PUSH/PUSH SWITCH RSPP
MOMENTARY/PUSH SWITCH RSMP
They have to be the last element of potentiometer
Options:
2 reversing switches F2
4 reversing switches F4
6 reversing switches F6
8 reversing switches F8
Not available with panel sealed option.
Number of modules before the switch limited to 3 modules.
Length of shaft (FMF) 25 mm maximum.
RSPP F2: PUSH/PUSH SWITCH WITH TWO REVERSING
SWITCHES
Idle position: The contact is made between 1 and 2 and a and b.
It is open between 2 and 3 and b and c.
Pushed position: The contact is made between 2 and 3
and b and c. It is open between 1 and 2 and a and b.
SWITCH SPECIFICATIONS
Switching Power Maximum
50 VA
ν
Switching Current Maximum
0.5 A
ν
Maximum Current Through Element
2 A
Contact Resistance
100 m
Ω
Dielectric
Strength
Terminal to Terminal
1500 VRMS
Terminal to Bushing
2000 VRMS
Maximum Voltage Operation
250 V
ν
Insulation Resistance Between Contacts
103 M
Ω
Life at Pmax.
100 000 actuations
Minimal Travel
3.3 mm to 4.7 mm
Operating Temperature
- 20 °C to + 70 °C
ELECTRICAL DIAGRAM
ORDERING INFORMATION (First order only for special code creation)
RSPP: Push/push
F2: 2 reversing switches (standard version)
RSMP: Momentary/push
F4: 4 reversing switches
F6: 6 reversing switches
F8: 8 reversing switches
3.3
(0.013)
1.3
(0.051)
40.8 (1.60)
28
(1.10)
(0.15)
4
3.6 (0.14)
a b c
1 2 3
(0.15)
4
RSPP F2
2
13
b
ac
IDLE POSITION
PUSHED POSITION
RSPP
F2


Similar Part No. - P11A7Q0EASY00103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P11A7Q0EASY00103MA VISHAY-P11A7Q0EASY00103MA Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
P11A7Q0EASY00103MA VISHAY-P11A7Q0EASY00103MA Datasheet
228Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
01-Jan-2022
More results

Similar Description - P11A7Q0EASY00103MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P11S VISHAY-P11S_V01 Datasheet
228Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
01-Jan-2022
P11S VISHAY-P11S Datasheet
240Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Aug-13
P11S VISHAY-P11S_17 Datasheet
256Kb / 15P
   12.5 mm Modular Panel Potentiometer Cermet (P11S) or Conductive Plastic Elements (P11A)
Revision: 20-Jul-17
248 VISHAY-248 Datasheet
97Kb / 3P
   1/2 (12.7 mm) Conductive Plastic & Cermet Potentiometers
Revision: 02-Jul-07
148 VISHAY-148 Datasheet
116Kb / 4P
   1/2 (12.7 mm) Conductive Plastic and Cermet Potentiometers
Revision: 31-Jul-06
248 VISHAY-248_V01 Datasheet
82Kb / 5P
   1/2" (12.7 mm) Conductive Plastic and Cermet Potentiometers
01-Jan-2022
PRV6 VISHAY-PRV6_06 Datasheet
137Kb / 4P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision: 29-Jun-06
PRV6 VISHAY-PRV6 Datasheet
167Kb / 3P
   Fully Sealed Potentiometers Cermet (PRV6) Conductive Plastic (PARV6)
Revision 15-Apr-02
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
01-Jan-2022
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
Revision: 03-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com