Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH617A-3X006 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SFH617A-3X006
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH617A-3X006 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SFH617A-3X006 Datasheet HTML 2Page - Vishay Siliconix SFH617A-3X006 Datasheet HTML 3Page - Vishay Siliconix SFH617A-3X006 Datasheet HTML 4Page - Vishay Siliconix SFH617A-3X006 Datasheet HTML 5Page - Vishay Siliconix SFH617A-3X006 Datasheet HTML 6Page - Vishay Siliconix SFH617A-3X006 Datasheet HTML 7Page - Vishay Siliconix SFH617A-3X006 Datasheet HTML 8Page - Vishay Siliconix SFH617A-3X006 Datasheet HTML 9Page - Vishay Siliconix SFH617A-3X006 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83740
6
Rev. 1.7, 25-Jan-07
SFH617A
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS, 110 °C Rated
Fig. 4 - Linear Operation (With Saturation)
Fig. 5 - Collector Current vs. Collector Emitter Voltage
Fig. 6 - Collector to Emitter Dark Current vs. Ambient Temperature
Fig. 7 - Normalized Current vs. Collector Emitter Saturation Voltage
Fig. 8 - Normalized Current Transfer Ratio vs. Ambient Temperature
Fig. 9 - Normalized CTR vs. Temperature
isfh610a_02
1. 0 k
Ω
V
CC =5 V
47
Ω
I
F
0
5
10
15
20
25
30
35
40
45
50
01
4
8
10 11 12 13 14 15
V
- Collector Emitter Voltage (V)
18733
CE
I = 30 mA
I = 1 mA
I = 5 mA
I = 10 mA
I = 15 mA
I = 20 mA
F
F
F
F
F
F
23
67
5
9
0.10
1
10
100
1000
10000
- 75
- 25
25
75
125
T
- Ambient Temperature (°C)
18734
amb
40 V
12 V
24 V
0
10
20
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
- Collector to Emitter Voltage (V)
18735
5 mA
1 mA
CE
25 mA
2 mA
10 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
- 55 - 35 - 15 5
25
45
65
85 105 125
Tamb - Ambient Temperature (°C)
17593
Normalized to
IF = 10 mA, Tamb = 25 °C,
VCE = 0.4 V, saturated
IF = 5 mA
10 mA
1 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
- 55 - 35 - 15
5
25
45
65
85 105 125
T
- Ambient Temperature (°C)
18737
10 mA
5 mA
1 mA
Normalized to:
Temp = 25 °C at
I = 10 mA and
V
= 5V
amb
F
CE
1.1
0.9
0.7
0.5
0.3
0.1


Similar Part No. - SFH617A-3X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH617A-3X006 VISHAY-SFH617A-3X006 Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH617A-3X006 VISHAY-SFH617A-3X006 Datasheet
172Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability
Rev. 2.4, 31-Aug-15
SFH617A-3X006 VISHAY-SFH617A-3X006 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
More results

Similar Description - SFH617A-3X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com