Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH617A-3X007 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH617A-3X007
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 째C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH617A-3X007 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH617A-3X007 Datasheet HTML 1Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 2Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 3Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 4Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 5Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 6Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 7Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 8Page - Vishay Siliconix SFH617A-3X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83740
4
Rev. 1.7, 25-Jan-07
SFH617A
Vishay Semiconductors
Optocoupler, Phototransistor Output,
High Reliability, 5300 VRMS, 110 °C Rated
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Collector emitter saturation
voltage
IF = 10 mA, f = 1.0 MHz
VCEsat
0.4
0.25
V
Coupling capacitance
CC
0.4
pF
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA, VCE = 5.0 V
SFH617A-1
CTR
40
80
%
SFH617A-2
CTR
63
125
%
SFH617A-3
CTR
100
200
%
SFH617A-4
CTR
160
320
%
IF = 1.0 mA, VCE = 5.0 V
SFH617A-1
CTR
13
30
%
SFH617A-2
CTR
22
45
%
SFH617A-3
CTR
34
70
%
SFH617A-4
CTR
56
90
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Turn-on time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
ton
3.0
µs
Rise time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
tr
2.0
µs
Turn-off time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
toff
2.3
µs
Fall time
IF = 10 mA, VCC = 5.0 V, RL = 75 Ω
tf
2.0
µs
Cut-off frequency
IF = 10 mA, VCC = 5.0 V
fctr
250
kHz
SATURATED
Turn-on time
IF = 20 mA
SFH617A-1
ton
3.0
µs
IF = 10 mA
SFH617A-2
ton
4.2
µs
SFH617A-3
ton
4.2
µs
IF = 5.0 mA
SFH617A-4
ton
6.0
µs
Rise time
IF = 20 mA
SFH617A-1
tr
2.0
µs
IF = 10 mA
SFH617A-2
tr
3.0
µs
SFH617A-3
tr
3.0
µs
IF = 5.0 mA
SFH617A-4
tr
4.6
µs
SATURATED
Turn-off time
IF = 20 mA
SFH617A-1
toff
18
µs
IF = 10 mA
SFH617A-2
toff
23
µs
SFH617A-3
toff
23
µs
IF = 5.0 mA
SFH617A-4
toff
25
µs
Fall time
IF = 20 mA
SFH617A-1
tf
11
µs
IF = 10 mA
SFH617A-2
tf
14
µs
SFH617A-3
tf
14
µs
IF = 5.0 mA
SFH617A-4
tf
15
µs


Similar Part No. - SFH617A-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH617A-3X007 VISHAY-SFH617A-3X007 Datasheet
498Kb / 8P
   Optocoupler, High Reliability, 5300 VRMS
Rev. 1.4, 26-Oct-04
logo
Infineon Technologies A...
SFH617A-3X007 INFINEON-SFH617A-3X007 Datasheet
1Mb / 36P
   iMOTION™ modular application design kit
Revision 1.1 2020-09-29
logo
Vishay Siliconix
SFH617A-3X007T VISHAY-SFH617A-3X007T Datasheet
172Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability
Rev. 2.4, 31-Aug-15
SFH617A-3X007T VISHAY-SFH617A-3X007T Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rateds
01-Jan-2022
More results

Similar Description - SFH617A-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1617A VISHAY-SFH1617A Datasheet
124Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 1.6, 25-Jan-08
SFH617A VISHAY-SFH617A_12 Datasheet
157Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
Rev. 2.2, 12-Oct-12
SFH617A-1X001 VISHAY-SFH617A-1X001 Datasheet
163Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 C Rated
Rev. 2.3, 14-Jan-13
SFH617A VISHAY-SFH617A_V02 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, 110 °C Rated
01-Jan-2023
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com