Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6186-5 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFH6186-5
Description  Optocoupler, Phototransistor Output, Low Input Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6186-5 Datasheet(HTML) 7 Page - Vishay Siliconix

  SFH6186-5 Datasheet HTML 1Page - Vishay Siliconix SFH6186-5 Datasheet HTML 2Page - Vishay Siliconix SFH6186-5 Datasheet HTML 3Page - Vishay Siliconix SFH6186-5 Datasheet HTML 4Page - Vishay Siliconix SFH6186-5 Datasheet HTML 5Page - Vishay Siliconix SFH6186-5 Datasheet HTML 6Page - Vishay Siliconix SFH6186-5 Datasheet HTML 7Page - Vishay Siliconix SFH6186-5 Datasheet HTML 8Page - Vishay Siliconix SFH6186-5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 83673
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 25-Jan-08
7
SFH618A/SFH6186
Optocoupler, Phototransistor Output,
Low Input Current
Vishay Semiconductors
i178029
0.255 (6.48)
0.268 (6.81)
3
4
0.179 (4.55)
0.190 (4.83)
Pin one ID
0.030 (0.76)
0.045 (1.14)
4° typ.
1.00 (2.54) typ.
0.130 (3.30)
0.150 (3.81)
0.0098
(0.249)
0.035 (0.102)
0.020 (0.508)
0.040 (1.02)
0.031 (0.79)
typ.
0.050 (1.27)
typ.
0.010 (0.25)
typ.
10 °
3° to 7°
0.375 (9.52)
0.305 (10.03)
0.296 (7.52)
0.312 (7.90)
0.315 (8.00)
min.
Lead
coplanarity
0.004 max.
SMD
ISO method A
0.100 (2.54)
R 0.010 (0.25)
0.070 (1.78)
0.030 (0.76)
0.315 (8.00) min.
0.060 (1.52)
0.435 (11.05)
0.407 (10.36)
0.391 (9.96)
Option6
min.
0.300 (7.62)
typ.
min.
max.
0.028 (0.7)
min.
Option 7
18450-1
0.307 (7.8)
0.291 (7.4)
0.014 (0.35)
0.010 (0.25)
0.400 (10.16)
0.430 (10.92)
0.180 (4.6)
0.160 (4.1)
0.315 (8.0)
0.331 (8.4)
0.406 (10.3)


Similar Part No. - SFH6186-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186-5 VISHAY-SFH6186-5 Datasheet
473Kb / 4P
   Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
Revision 17-August-01
logo
Infineon Technologies A...
SFH6186-5 INFINEON-SFH6186-5 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH6186-5 VISHAY-SFH6186-5 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-5 VISHAY-SFH6186-5 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
More results

Similar Description - SFH6186-5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-2T VISHAY-SFH6186-2T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A_V01 Datasheet
176Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com