Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8340103K3302GADSL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M8340103K3302GADSL
Description  Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M8340103K3302GADSL Datasheet(HTML) 2 Page - Vishay Siliconix

  M8340103K3302GADSL Datasheet HTML 1Page - Vishay Siliconix M8340103K3302GADSL Datasheet HTML 2Page - Vishay Siliconix M8340103K3302GADSL Datasheet HTML 3Page - Vishay Siliconix M8340103K3302GADSL Datasheet HTML 4Page - Vishay Siliconix M8340103K3302GADSL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 31517
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 08-Jul-08
331
DFM (Military M83401)
Thick Film Resistor Networks, Military, MIL-PRF-83401
Qualified, Type RZ030, Schematics A (11), B (12), J (15)
Vishay Dale
DIMENSIONS in inches [millimeters]
Pin #1
0.050 [1.27]
Typ.
0.019 ± 0.006
[0.483 ± 0.15]
0.305
[7.75]
Max.
0.365 [9.27] Min.
0.385 [9.78] Max.
0.250 [6.35]
Min.
0.075
[1.91]
Max.
0.250 [6.35]
Min.
0.825 [20.96]
Max.
0.005 + 0.004
- 0.002
[0.127 + 0.102
- 0.051]
Derating
11 Schematic
0.400
0.350
0.200
0.050
- 55
+ 25
+ 70
+ 125 + 150
Ambient Temperature °C
DFM1411
Package
Single
Resistor
15 Schematic
- 55
+ 25
+ 70
+ 125 + 150
DFM1415
Package
0.400
0.350
0.200
0.015
Single
Resistor
Ambient Temperature °C
12 Schematic
DFM1412
Package
- 55
+ 25
+ 70
+ 125 + 150
Single
Resistor
0.400
0.325
0.200
0.025
Ambient Temperature °C
MECHANICAL SPECIFICATIONS
Marking Resistance to Solvents
Permanency testing per MIL-PRF-83401
Solderability
Per MIL-PRF-83401
Terminals
Per MIL-STD-1276
DFM1411, DFM1412 and DFM1415 = Type G (hot solder dipped)
Hot solder dipped leads supplied as standard finish.
Body
Epoxy filled ceramic sandwich
IMPEDANCE CODES
CODE
R1 (Ω)R2 (Ω)CODE
R1 (Ω)R2 (Ω)
A001
82
130
A010
330
470
A002
120
200
A011
330
680
A003
130
210
A012
1.5K
3.3K
A004
160
260
A013
3K
6.2K
A005
180
240
A014
180
270
A006
180
390
A015
270
270
A007
220
270
A016
560
560
A008
220
330
A017
560
1.2K
A009
330
390
A018
620
2.7K


Similar Part No. - M8340103K3302GADSL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M8340103KA001GJ VISHAY-M8340103KA001GJ Datasheet
502Kb / 2P
   MILITARY NETWORKS
More results

Similar Description - M8340103K3302GADSL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
M8340109K2201GCD03 VISHAY-M8340109K2201GCD03 Datasheet
98Kb / 6P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ040 to RZ090, Single-In-Line, Molded SIP
Revision: 26-Feb-13
DFP14121K00GD05 VISHAY-DFP14121K00GD05 Datasheet
275Kb / 3P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
DFP14 VISHAY-DFP14 Datasheet
117Kb / 2P
   Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
Revision: 08-Sep-04
RCWPM VISHAY-RCWPM_15 Datasheet
372Kb / 5P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
RCWPM VISHAY-RCWPM_08 Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
RCWPM VISHAY-RCWPM Datasheet
92Kb / 2P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
RCWPM-07 VISHAY-RCWPM-07 Datasheet
59Kb / 3P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 30-Aug-06
M55342K06B15E0RS3 VISHAY-M55342K06B15E0RS3 Datasheet
109Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 22-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com