Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ1210Y223 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ1210Y223
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1210Y223 Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ1210Y223 Datasheet HTML 1Page - Vishay Siliconix VJ1210Y223 Datasheet HTML 2Page - Vishay Siliconix VJ1210Y223 Datasheet HTML 3Page - Vishay Siliconix VJ1210Y223 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VJ RuGGed Chip
Surface Mount Multilayer Ceramic Chip Capacitors
for Power Supply Applications
Vishay Vitramon
Document Number: 45032
For technical questions contact mlcc.specials@vishay.com
www.vishay.com
Revision: 29-Sep-08
73
Not for New Designs
Product Discontinuation
RUGGED CHIP - TYPICAL PARAMETERS
110
1000
200
0
VOLTAGE BREAKDOWN - RuGGed VS. STANDARD
100 V Rated MLCCs
PRODUCTION LOTS
400
600
800
1200
1400
1600
23 4 5 6 7 8
9
11 12 1314 1516 1718 19
Standard
RuGGed
Standard: Avg VBD = 817 Vdc
RuGGed: Avg VBD = 1152 Vdc
0.01
0.1
1
10
100
IMPEDANCE VS. FREQUENCY
X7R RuGGed Chip
FREQUENCY (MHz)
0.01
0.1
1
10
100
1000
1.00 µF
0.01 µF
0.10 µF
APPLIED VOLTAGE DC
VOLTAGE COEFFICIENT OF CAPACITANCE
X7R RuGGed Chip
0
100
10
200
300
400
500
600
700
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
- 90
500/630 V
Rated
100 V
Rated
200 V
Rated
RuGGed POWER SUPPLY CAPACITOR
STRONG COVER AND BASE
Less Susceptible to chip damage
Mechanical flex resistance
STANDARD MLCC DESIGN
OPTIMIZED ELECTRODE COUNT
Thermal Shock Resistance
ROBUST END CONNECTION
Unique Double term
Thermal shock resistance
DENSER DIELECTRIC
Improved reliability


Similar Part No. - VJ1210Y223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1210Y223 VISHAY-VJ1210Y223 Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1210Y223JFEAC5Z VISHAY-VJ1210Y223JFEAC5Z Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
VJ1210Y223JFEAT5Z VISHAY-VJ1210Y223JFEAT5Z Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
VJ1210Y223JFLAC5Z VISHAY-VJ1210Y223JFLAC5Z Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
VJ1210Y223JFLAT5Z VISHAY-VJ1210Y223JFLAT5Z Datasheet
117Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
Revision: 11-Aug-08
More results

Similar Description - VJ1210Y223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com