Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG04-160 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZG04-160
Description  Zener Diodes with Surge Current Specification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZG04-160 Datasheet(HTML) 1 Page - Vishay Siliconix

  BZG04-160 Datasheet HTML 1Page - Vishay Siliconix BZG04-160 Datasheet HTML 2Page - Vishay Siliconix BZG04-160 Datasheet HTML 3Page - Vishay Siliconix BZG04-160 Datasheet HTML 4Page - Vishay Siliconix BZG04-160 Datasheet HTML 5Page - Vishay Siliconix BZG04-160 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BZG04-Series
Document Number 85594
Rev. 2.2, 15-Sep-05
Vishay Semiconductors
www.vishay.com
1
15811
Zener Diodes with Surge Current Specification
Features
• Glass passivated junction
• High reliability
• Stand-off Voltage range 8.2 V to 220 V
• Excellent clamping cabability
• Fast response time (typ.
≤ 1 ps from 0 to V
Zmin)
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
Protection from high voltage, high energy transients
Mechanical Data
Case: DO-214AC
Weight: approx. 77 mg
Packaging Codes/Options:
TR / 1.5 k 7 " reel
TR3 / 6 k 13 " reel 6 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
RthJA < 25 K/W, Tamb = 100 °C
Pdiss
3W
RthJA < 100 K/W, Tamb = 50 °C
Pdiss
1.25
W
Non repetitive peak surge power
dissipation
tp = 10/1000 µs sq.pulse,
Tj = 25 °C prior to surge
PZSM
300
W
Peak forward surge current
10 ms single half sine wave
IFSM
50
A
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Junction lead
RthJL
25
K/W
Junction ambient
mounted on epoxy-glass hard
tissue, Fig. 1a
RthJA
150
K/W
mounted on epoxy-glass hard
tissue, Fig. 1b
RthJA
125
K/W
mounted on Al-oxid-ceramic
(Al2O3), Fig. 1b
RthJA
100
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.5 A
VF
1.2
V
e3


Similar Part No. - BZG04-160

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04-160 PHILIPS-BZG04-160 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Vishay Siliconix
BZG04-160 VISHAY-BZG04-160 Datasheet
83Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 2.4, 29-Nov-11
logo
Shenzhen Luguang Electr...
BZG04-160 LUGUANG-BZG04-160 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
BZG04-160 LUGUANG-BZG04-160 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
logo
Vishay Siliconix
BZG04-160 VISHAY-BZG04-160 Datasheet
87Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 2.5, 23-Apr-14
More results

Similar Description - BZG04-160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com