Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P10LXXSI503MB4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P10LXXSI503MB4
Description  Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P10LXXSI503MB4 Datasheet(HTML) 4 Page - Vishay Siliconix

  P10LXXSI503MB4 Datasheet HTML 1Page - Vishay Siliconix P10LXXSI503MB4 Datasheet HTML 2Page - Vishay Siliconix P10LXXSI503MB4 Datasheet HTML 3Page - Vishay Siliconix P10LXXSI503MB4 Datasheet HTML 4Page - Vishay Siliconix P10LXXSI503MB4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51057
4
Revision: 10-Dec-07
P10L
Vishay Sfernice
Long Life Potentiometer - 500 000 Cycles
Miniature - Cermet - Fully Sealed
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔR
T/RT (%)
ΔR
1-2/R1-2 (%)
OTHER
Climatic Sequence
Phase A dry heat 100 °C
Phase B damp heat
Phase C cold - 40 °C
Phase D damp heat 5 cycles
± 1 %
± 2 %
-
Long Term Damp Heat
56 days
40 °C 93 % HR
± 1 %
± 2 %
Insulation resistance
> 104 M
Ω
Rotational Life
500 000 cycles at rated power
Turn angle: ± 50°
33 cycles per min
Temperature: 20 °C
± 20 %
-
Contact resistance
variation max. 35 %
Independent linearity
± 20 %
Load Life
1000 h at rated power
90'/30'
Ambient temperature 70 °C
± 20 %
± 20 %
Contact resistance
variation max. 30 %
Rapid Temperature Change
5 cycles
- 40 °C at 100 °C
± 1 %
< ± 2 %
-
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 0.5 %
± 1 %
-
Vibration
10 - 55 Hz
0.75 mm or 10 g
in 3 directions
± 0.5 %
< ± 1 %
-
SAP ORDERING INFORMATION (Part Number 18 digits)
MODEL
STYLE
SHAFT
RESISTANCE
CODE
TOLERANCE
CODE
PACKAGING CODE
SPECIAL
NUMBER
P10L
XC
XX
YE
YM
YP
AG = Ø 3 - 16 mm
Al = Ø 3 - 20 mm
102 = 1 k
Ω
502 = 5 k
Ω
103 = 10 k
Ω
503 = 50 k
Ω
M = 20 %
On request
K = 10 %
B4 = Box 100 pieces
(if applicable)
Given by
VISHAY
for custom
design
PART NUMBER DESCRIPTION (for information only)
P10L
XX
AG
1K
20 %
BO100
e3
MODEL
STYLE
SHAFT
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD
(Pb)-FREE
XX
A
G
1
0
2
B
0
P
L
1
M4


Similar Part No. - P10LXXSI503MB4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P10LXXAG102KB4 VISHAY-P10LXXAG102KB4 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
P10LXXAG102MB4 VISHAY-P10LXXAG102MB4 Datasheet
105Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
P10LXXAG102MB4 VISHAY-P10LXXAG102MB4 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
P10LXXAG103KB4 VISHAY-P10LXXAG103KB4 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
P10LXXAG103MB4 VISHAY-P10LXXAG103MB4 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
More results

Similar Description - P10LXXSI503MB4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P10L VISHAY-P10L_V01 Datasheet
86Kb / 5P
   Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
P30L VISHAY-P30L Datasheet
133Kb / 5P
   Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
Revision: 04-Sep-08
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
P11L VISHAY-P11L Datasheet
216Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
01-Jan-2022
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
   Long Life Cermet Potentiometer up to 2 Million Cycles
01-Jan-2022
P13L VISHAY-P13L Datasheet
152Kb / 7P
   Long Life Cermet Potentiometer up to 2 Million Cycles
Revision: 04-Jul-17
P10 VISHAY-P10_17 Datasheet
105Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
   Fully Sealed Container Cermet Potentiometer
Revision: 04-Jul-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com