Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT55B3V9 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BZT55B3V9
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT55B3V9 Datasheet(HTML) 5 Page - Vishay Siliconix

  BZT55B3V9 Datasheet HTML 1Page - Vishay Siliconix BZT55B3V9 Datasheet HTML 2Page - Vishay Siliconix BZT55B3V9 Datasheet HTML 3Page - Vishay Siliconix BZT55B3V9 Datasheet HTML 4Page - Vishay Siliconix BZT55B3V9 Datasheet HTML 5Page - Vishay Siliconix BZT55B3V9 Datasheet HTML 6Page - Vishay Siliconix BZT55B3V9 Datasheet HTML 7Page - Vishay Siliconix BZT55B3V9 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BZT55-Series
Document Number 85637
Rev. 1.5, 10-Mar-06
Vishay Semiconductors
www.vishay.com
5
Figure 7. Z-Current vs. Z-Voltage
Figure 8. Z-Current vs. Z-Voltage
8
20
95 9604
0
20
40
60
80
100
P
tot = 500 mW
T
amb = 25 °C
04
6
12
V
Z - Z-Voltage (V)
15
20
25
30
0
10
20
30
40
50
V
Z - Z-Voltage (V)
35
95 9607
P
tot = 500 mW
T
amb = 25 °C
Figure 9. Differential Z-Resistance vs. Z-Voltage
0
5
10
15
20
1
10
100
1000
25
95 9606
Tj = 25 °C
I
Z = 1 mA
5 mA
10 mA
V
Z - Z-Voltage (V)
Figure 10. Thermal Response
1
10
100
1000
t
P - Pulse Length (ms)
95 9603
10-1
100
101
102
t
P/T = 0.5
t
P/T = 0.2
t
P/T = 0.1
t
P/T = 0.05
t
P/T = 0.02
t
P/T = 0.01
Single Pulse
R
thJA = 300 K/W
T = T
jmax - Tamb
i
ZM = (- VZ + (VZ
2 + 4r
zj x T/Zthp)
1/2)/(2r
zj)


Similar Part No. - BZT55B3V9

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT55B3V9 TSC-BZT55B3V9 Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SEMTECH ELECTRONICS LTD...
BZT55B3V9 SEMTECH_ELEC-BZT55B3V9 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZT55B3V9 TSC-BZT55B3V9 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT55B3V9 VISHAY-BZT55B3V9 Datasheet
119Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
BZT55B3V9 VISHAY-BZT55B3V9 Datasheet
117Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
More results

Similar Description - BZT55B3V9

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com